Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5014 Datasheet(PDF) 3 Page - NEC

Part # 2SC5014
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5014 Datasheet(HTML) 3 Page - NEC

  2SC5014 Datasheet HTML 1Page - NEC 2SC5014 Datasheet HTML 2Page - NEC 2SC5014 Datasheet HTML 3Page - NEC 2SC5014 Datasheet HTML 4Page - NEC 2SC5014 Datasheet HTML 5Page - NEC 2SC5014 Datasheet HTML 6Page - NEC 2SC5014 Datasheet HTML 7Page - NEC 2SC5014 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC5014
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
50
0
1
0.5
VBE - Base to Emitter Voltage - V
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
200
0
100
TA - Ambient Temperature - ˚C
150
100
50
DC CURRENT GAIN vs.
COLLECTOR CURRENT
500
10
50
5
IC - Collector Current - mA
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
30
0
5
VCE - Collector to Emitter Voltage - V
10
20
10
20
10
2
1
200
20
50
40
30
20
10
VCE = 3 V
VCE = 3 V
100
200 A
180 A
160 A
140 A
120 A
100 A
80 A
60 A
40 A
20 A
µ
IB =
100
IC - Collector Current - mA
IC - Collector Current - mA
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
14
10
50
12
2
20
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
10
8
6
4
2
0
1
5
VCE = 3 V
f = 2 GHZ
14
10
50
12
2
20
10
8
6
4
2
0
1
5
VCE = 3 V
f = 2 GHZ
60 mW
µ
µ
µ
µ
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com