Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5014 Datasheet(PDF) 6 Page - NEC

Part # 2SC5014
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5014 Datasheet(HTML) 6 Page - NEC

  2SC5014 Datasheet HTML 1Page - NEC 2SC5014 Datasheet HTML 2Page - NEC 2SC5014 Datasheet HTML 3Page - NEC 2SC5014 Datasheet HTML 4Page - NEC 2SC5014 Datasheet HTML 5Page - NEC 2SC5014 Datasheet HTML 6Page - NEC 2SC5014 Datasheet HTML 7Page - NEC 2SC5014 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5014
6
S-PARAMETER
VCE = 3 V, IC = 1 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.958
–4.1
3.306
175.2
.012
90.6
.993
–2.6
200.00
.949
–8.4
3.287
170.0
.026
83.1
.990
–5.6
300.00
.940
–12.0
3.275
165.4
.039
83.7
.993
–8.3
400.00
.925
–16.2
3.205
160.8
.046
78.7
.976
–11.2
500.00
.908
–20.4
3.226
155.1
.055
74.7
.971
–14.3
600.00
.900
–24.1
3.182
151.3
.069
74.6
.960
–16.9
700.00
.879
–28.2
3.185
146.4
.079
68.4
.951
–19.4
800.00
.860
–31.9
3.100
141.5
.090
65.7
.930
–23.1
900.00
.822
–36.0
3.045
137.0
.100
65.1
.907
–25.2
1000.00
.811
–39.4
3.015
132.6
.110
61.9
.904
–27.4
1100.00
.782
–43.3
2.944
128.6
.115
57.3
.879
–30.1
1200.00
.749
–47.4
2.859
123.5
.127
57.3
.865
–32.8
1300.00
.722
–50.7
2.822
119.8
.130
54.9
.838
–35.0
1400.00
.694
–54.3
2.750
115.7
.141
50.6
.827
–38.1
1500.00
.663
–58.1
2.700
111.3
.145
50.5
.802
–39.6
1600.00
.641
–61.5
2.600
107.3
.155
47.1
.788
–41.8
1700.00
.616
–65.3
2.595
104.6
.158
45.3
.763
–44.3
1800.00
.580
–68.5
2.521
100.4
.163
42.4
.755
–46.3
1900.00
.562
–72.3
2.450
97.2
.165
40.2
.728
–48.5
2000.00
.531
–76.8
2.424
93.1
.172
39.6
.721
–51.1
2100.00
.498
–77.9
2.340
90.0
.180
38.4
.706
–53.3
2200.00
.470
–81.7
2.291
85.9
.185
35.7
.695
–55.0
2300.00
.453
–84.7
2.232
83.5
.181
33.9
.673
–56.5
2400.00
.419
–86.6
2.158
80.1
.188
32.4
.654
–57.9
2500.00
.404
–92.0
2.134
77.2
.191
32.8
.652
–60.2
2600.00
.372
–95.0
2.063
73.8
.192
31.7
.632
–60.0
2700.00
.366
–97.8
2.016
72.4
.190
31.6
.612
–63.1
2800.00
.355
–101.0
1.990
68.6
.189
29.4
.620
–66.5
2900.00
.340
–104.6
1.920
66.2
.196
28.2
.611
–66.7
3000.00
.316
–107.2
1.907
62.9
.204
26.9
.599
–70.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com