Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF3003 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # UF3003
Description  3.0A ULTRA-FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UF3003 Datasheet(HTML) 1 Page - Diodes Incorporated

  UF3003 Datasheet HTML 1Page - Diodes Incorporated UF3003 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S25004 Rev. E-2
1 of 2
UF3001 - UF3007
UF3001 - UF3007
3.0A ULTRA-FAST RECTIFIER
Features
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Diffused Junction
·
Ultra-Fast Switching for High Efficiency
·
High Current Capability and Low Forward
Voltage Drop
·
Surge Overload Rating to 150A Peak
·
Low Reverse Leakage Current
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Weight: 1.1 grams (approx.)
·
Mounting Position: Any
Characteristic
Symbol
UF
3001
UF
3002
UF
3003
UF
3004
UF
3005
UF
3006
UF
3007
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@ TA = 55
°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
150
A
Forward Voltage
@ IF = 3.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
5.0
100
mA
Reverse Recovery Time (Note 3)
trr
50
75
ns
Typical Junction Capacitance (Note 2)
Cj
75
50
pF
Typical Thermal Resistance Junction to Ambient
RqJA
35
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See Figure 5.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.


Similar Part No. - UF3003

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
UF3003 FUJI-UF3003 Datasheet
701Kb / 1P
3 AMP ULTRA FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
UF3003 DIODES-UF3003 Datasheet
409Kb / 3P
3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. 8 - 2
logo
Lite-On Technology Corp...
UF3003 LITEON-UF3003 Datasheet
37Kb / 2P
ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF3003 CTC-UF3003 Datasheet
37Kb / 2P
ULTRA FAST RECTIFIERS
logo
Gulf Semiconductor
UF3003 GULFSEMI-UF3003 Datasheet
155Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
More results

Similar Description - UF3003

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF3A WTE-UF3A Datasheet
50Kb / 3P
3.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
UG3001 DIODES-UG3001 Datasheet
86Kb / 2P
3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. A1-2
UF3001 DIODES-UF3001_1 Datasheet
409Kb / 3P
3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. 8 - 2
UG3001 DIODES-UG3001_1 Datasheet
85Kb / 3P
3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. 4 - 2
logo
TAITRON Components Inco...
UF5400 TAITRON-UF5400 Datasheet
162Kb / 4P
3.0A Ultra Fast Recovery Rectifier
TUF301 TAITRON-TUF301 Datasheet
137Kb / 4P
3.0A Ultra Fast Recovery Rectifier
logo
SUNMATE electronic Co.,...
US3A SUNMATE-US3A Datasheet
330Kb / 2P
3.0A Surface Mount Ultra-Fast Rectifier
logo
Diodes Incorporated
UF3001 DIODES-UF3001_15 Datasheet
405Kb / 3P
3.0A ULTRA-FAST RECTIFIER
Rev erse
US3M DIODES-US3M_15 Datasheet
469Kb / 5P
3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 5
logo
Gaomi Xinghe Electronic...
US3ABF GXELECTRONICS-US3ABF Datasheet
481Kb / 2P
3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com