Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103ASH Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # SD103ASH
Description  350mA Schottky Barrier Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SD103ASH Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  SD103ASH Datasheet HTML 1Page - Cystech Electonics Corp. SD103ASH Datasheet HTML 2Page - Cystech Electonics Corp. SD103ASH Datasheet HTML 3Page - Cystech Electonics Corp. SD103ASH Datasheet HTML 4Page - Cystech Electonics Corp. SD103ASH Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C470SH
Issued Date : 2009.07.08
Revised Date :
Page No. : 1/1
SD103ASH thru SD103CSH
CYStek Product Specification
350mA Schottky Barrier Switching Diodes
SD103ASH thru
SD103CSH
SOD-123
Features
• Low forward voltage drop
• Guard ring construction for transient protection
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• Pb-free lead plating and Halogen-free package
Mechanical Data
• Case: Molded plastic, JEDEC SOD-123.
• Terminals: Pure tin plated, solderable per MIL-STD-202 method 208
• Polarity: Indicated by cathode band.
• Weight: 0.01 gram approximately
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified. )
Type
Parameter
Symbol
SD103A
SD103B
SD103C
Units
Repetitive peak reverse voltage
VRRM
40
30
20
V
Working peak reverse voltage
VRWM
40
30
20
V
Maximum RMS voltage
VRMS
28
21
14
V
Maximum DC blocking voltage
VR
40
30
20
V
Forward continuous current
IFM
350
mA
Repetitive peak forward current @t≤1.0s
IFRM
1.5
A
Power dissipation
PD
400
mW
Maximum thermal resistance, Junction to
ambient
RθJA
250
℃
/W
Operating and storage temperature range
TJ;TSTG
-65 ~ +125
℃


Similar Part No. - SD103ASH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD103ASDM DIODES-SD103ASDM Datasheet
50Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30294 Rev. 2 - 2
SD103ASDM DIODES-SD103ASDM Datasheet
83Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30294 Rev. 7 - 2
SD103ASDM DIODES-SD103ASDM Datasheet
121Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 9 - 2 July 2008
SD103ASDM-7 DIODES-SD103ASDM-7 Datasheet
50Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30294 Rev. 2 - 2
SD103ASDM-7-F DIODES-SD103ASDM-7-F Datasheet
83Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30294 Rev. 7 - 2
More results

Similar Description - SD103ASH

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KB160VA-30 KEXIN-KB160VA-30 Datasheet
31Kb / 1P
Schottky Barrier Switching Diodes
KD103AW KEXIN-KD103AW Datasheet
37Kb / 1P
Schottky Barrier Switching Diodes
logo
Micro Commercial Compon...
BAS48 MCC-BAS48 Datasheet
211Kb / 4P
350mA Schottky Barrier Rectifier 40 Volts
LS103A MCC-LS103A Datasheet
236Kb / 4P
350mA Schottky Barrier Diode 20~40Volt
logo
SUNMATE electronic Co.,...
BAT47 SUNMATE-BAT47 Datasheet
246Kb / 1P
350mA Axial Leaded Schottky Barrier Diodes
BAT48 SUNMATE-BAT48 Datasheet
217Kb / 2P
350mA Axial Leaded Schottky Barrier Diode
logo
Micro Commercial Compon...
LS103A MCC-LS103A_12 Datasheet
183Kb / 4P
350mA Schottky Barrier Diode 20~40Volt
BAS48 MCC-BAS48_12 Datasheet
191Kb / 4P
350mA Schottky Barrier Rectifier 40 Volts
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
MSD103A AITSEMI-MSD103A Datasheet
484Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com