Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103ASH Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # SD103ASH
Description  350mA Schottky Barrier Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SD103ASH Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  SD103ASH Datasheet HTML 1Page - Cystech Electonics Corp. SD103ASH Datasheet HTML 2Page - Cystech Electonics Corp. SD103ASH Datasheet HTML 3Page - Cystech Electonics Corp. SD103ASH Datasheet HTML 4Page - Cystech Electonics Corp. SD103ASH Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C470SH
Issued Date : 2009.07.08
Revised Date :
Page No. : 2/2
SD103ASH thru SD103CSH
CYStek Product Specification
Electrical Characteristics @ TA=25℃ unless otherwise specified
Parameters
Symbol
Conditions
Min
Typ. Max Unit
SD103A
40
-
-
SD103B
30
-
-
Reverse
breakdown
voltage
SD103C
VR
IR=100μA
20
-
-
V
Forward voltage
VF
IF=20mA
IF=200mA
-
-
370
600
mV
mV
SD103A
VR=30V
SD103B
VR=20V
Reverse current
SD103C
IRM
VR=10V
-
-
5
μA
Junction Capacitance
CJ
VR=0V, f=1MHz
-
50
-
pF
Reverse recovery time
trr
IF=IR=200mA, Irr=0.1×IR,
RL=100Ω
-
10
-
ns
Ordering Information
Device
Package
Shipping
Marking
SD103ASH
SOD-123
(Pb-free lead plating and Halogen-free package)
3000 pcs / Tape & Reel
S4
SD103BSH
SOD-123
(Pb-free lead plating and Halogen-free package)
3000 pcs / Tape & Reel
S5
SD103CSH
SOD-123
(Pb-free lead plating and Halogen-free package)
3000 pcs / Tape & Reel
S6
Characteristic Curves
Forward Current vs Forward Voltage
0.01
0.1
1
10
100
1000
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
Forward Voltage---VF(V)
Junction Capacitance vs Reverse Voltage
1
10
100
0
10
20304
Reverse Voltage---VR(V)
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com