Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HSC Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # 54HSC
Description  Radiation hard 16-Bit ParallelError Detection & Correction
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

54HSC Datasheet(HTML) 2 Page - Dynex Semiconductor

  54HSC Datasheet HTML 1Page - Dynex Semiconductor 54HSC Datasheet HTML 2Page - Dynex Semiconductor 54HSC Datasheet HTML 3Page - Dynex Semiconductor 54HSC Datasheet HTML 4Page - Dynex Semiconductor 54HSC Datasheet HTML 5Page - Dynex Semiconductor 54HSC Datasheet HTML 6Page - Dynex Semiconductor 54HSC Datasheet HTML 7Page - Dynex Semiconductor 54HSC Datasheet HTML 8Page - Dynex Semiconductor 54HSC Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
54HSC/T630
2/10
Table 1: Control Functions
Control
Error Flags
Cycle
S1
S0
EDAC Function
Data UO
Checkword
SEF
DEF
WRITE
Low
Low
Generates Checkword
Input Data
Output Checkword
Low
Low
READ
Low
High
Read Data BCheckword
Input Data
Input Checkword
Low
Low
READ
High
High
Latch & Flag Error
Latch Data
Latch Checkword
Enabled
Enabled
READ
High
Low
Correct Data Word &
Output
Output Syndrome Bits
Enabled
Enabled
Generate Syndrome Bits
Corrected
Data
Table 2: Error Functions
Total Number of Errors
Error Flags
Data Correction
16-bit Data
6-bit Checkword
SEF
DEF
0
0
Low
Low
Not Applicable
1
0
High
Low
Correctlon
0
1
High
Low
Correction
1
1
High
High
Interrupt
2
0
High
High
Interrupt
0
2
High
High
Interrupt
ERROR DETECTION & CORRECTION
During a memory write cycle, six check bits (CBO-CB5)
are generated by eight-input parity generators using the data
bits defined in Table 3. During a memory read cycle, the 6-bit
checkword is retrieved along with the actual data.
Error detection is accomplished as the 6-bit checkword and
the 16-bit data word from memory are applied to internal parity
generators/checkers. If the parity of all six groupings of data
and check bits are correct, it is assumed that no error has
occurred and both error flags will be low. It should be noted
that the sense of two of the check bits, bits CBO and CB1, is
inverted to ensure that the gross-error condition of all lows and
all highs is detected.
If the parity of one or more of the check groups is incorrect,
an error has occurred and the proper error flag or flags will be
set high. Any single error in the 16bit data word will change the
sense of exactly three bits of the 6-bit checkword. Any single
error in the 6bit checkword changes the sense of only that one
bit. In either case, the single error flag will be set high while the
dual error flag will remain low.
Any two-bit error will change the sense of an even number
of check bits. The two-bit error is not correctable since the
parity tree can only identify singlebit errors. Both error flags are
set high when any two-bit error is detected.
Three or more simultaneous bit errors cause the EDAC to
transmit that no error, a correctable error, or an uncorrectable
error has occurred and hence produce erroneous results in all
three cases.
Error correction is accomplished by identifying the bad bit
and inverting it. Identification of the erroneous bit is achieved
by comparing the 16-bit word and 6-bit checkword from
memory with the new checkword with one (checkword error)
or three (data word error) inverted bits.
As the corrected word is made available on the data word l/
O port, the checkword l/O port presents a 6-bit syndrome error
code. This syndrome code can be used to identify the
corrupted bit in memory (see Table 4. overleaf).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com