Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HSC Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # 54HSC
Description  Radiation hard 16-Bit ParallelError Detection & Correction
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

54HSC Datasheet(HTML) 1 Page - Dynex Semiconductor

  54HSC Datasheet HTML 1Page - Dynex Semiconductor 54HSC Datasheet HTML 2Page - Dynex Semiconductor 54HSC Datasheet HTML 3Page - Dynex Semiconductor 54HSC Datasheet HTML 4Page - Dynex Semiconductor 54HSC Datasheet HTML 5Page - Dynex Semiconductor 54HSC Datasheet HTML 6Page - Dynex Semiconductor 54HSC Datasheet HTML 7Page - Dynex Semiconductor 54HSC Datasheet HTML 8Page - Dynex Semiconductor 54HSC Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
54HSC/T630
1/10
The 54HSC/T630 is a 16-bit parallel Error Detection and
Correction circuit. It uses a modified Hamming code to
generate a 6-bit check word from each 16-bit data word. The
check word is stored with the data word during a memory write
cycle. During a memory read cycle a 22-bit word is taken from
memory and checked for errors.
Single bit errors in data words are flagged and corrected.
Single bit errors in check words are flagged but not corrected.
The position of the incorrect bit is pinpointed, in both cases, by
the 6-bit error syndrome code which is output during the error
correction cycle.
Two bit errors are flagged but not corrected. Any
combination of two bit errors occurring within the 22-bit word
read from memory, (ie two errors in the 16-bit data word, two
bits in the 16-bit check word or one error in each) will be
correctly identified.
The gross errors of all bits, low or high, will be detected.
The control signals S1 and S0 select the function to be
performed by the EDAC They control the generation of check
words and the latching and correction of data (see table 1)
When errors are detected, flags are placed on outputs SEF
and DEF (see table 2).
Figure 1: Block Diagram
FEATURES
s Radiation Hard:
Dose Rate Upset Exceeding 3x1010 Rad(Si)/sec
Total Dose for Functionality Upto 1x106 Rad(Si)
s High SEU Immunity, Latch Up Free
s CMOS-SOS Technology
s All Inputs and Outputs Fully TTL Compatible (54HST630)
or CMOS Compatible (54HSC630)
s Low Power
s Detects and Corrects Single-Bit Errors
s Detects and Flags Dual-Bit Errors
s High Speed:
Write Cycle - Generates Checkword In 40ns Typical
Read Cycle - Flags Errors In 20ns Typical
54HSC/T630
Radiation hard 16-Bit ParallelError
Detection & Correction
Replaces June 1999 version, DS3595-4.0
DS3595-5.0 January 2000


Similar Part No. - 54HSC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54H00 ETC1-54H00 Datasheet
60Kb / 1P
QUAD 2-INPUT NAND GATE
54H00DM ETC1-54H00DM Datasheet
60Kb / 1P
QUAD 2-INPUT NAND GATE
54H00FM ETC1-54H00FM Datasheet
60Kb / 1P
QUAD 2-INPUT NAND GATE
54H11 ETC1-54H11 Datasheet
56Kb / 1P
TRIPLE 3-INPUT AND GATE
54H11DM ETC1-54H11DM Datasheet
56Kb / 1P
TRIPLE 3-INPUT AND GATE
More results

Similar Description - 54HSC

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
16-Bit Feedthrough Error Detection & Correction Unit EDAC
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
Radiation Hard 512x9 Bit FIFO
logo
Intersil Corporation
ACS630MS INTERSIL-ACS630MS Datasheet
489Kb / 4P
Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
ACTS630MS INTERSIL-ACTS630MS Datasheet
489Kb / 4P
Radiation Hardened EDAC (Error Detection and Correction)
January 1996
logo
ATMEL Corporation
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
16 Bit Flow Through EDAC Error Detection And Correction unit
logo
Zarlink Semiconductor I...
MA2901 ZARLINK-MA2901 Datasheet
261Kb / 13P
RADIATION HARD 4-BIT MICROPROCESSOR SLICE
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
16-Bit Flow-Through EDAC Error Detection And Correction unit
logo
Renesas Technology Corp
ACS630MS RENESAS-ACS630MS Datasheet
676Kb / 3P
Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
ACTS630MS RENESAS-ACTS630MS Datasheet
683Kb / 4P
Radiation Hardened EDAC (Error Detection and Correction)
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com