Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA6589Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGA6589Z
Description  DC to 3500MHz, CASCADABLE LOW NOISE, HIGH GAIN SiGe HBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA6589Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGA6589Z Datasheet HTML 1Page - RF Micro Devices SGA6589Z Datasheet HTML 2Page - RF Micro Devices SGA6589Z Datasheet HTML 3Page - RF Micro Devices SGA6589Z Datasheet HTML 4Page - RF Micro Devices SGA6589Z Datasheet HTML 5Page - RF Micro Devices SGA6589Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
SGA6589Z
DC to 3500MHz, CASCADABLE LOW NOISE,
HIGH GAIN SiGe HBT
The SGA6589Z is a high performance SiGe HBT MMIC Amplifier. A Darling-
ton configuration featuring one-micron emitters provides high FT and
excellent thermal performance. The heterojunction increases breakdown
voltage and minimizes leakage current between junctions. Cancellation of
emitter junction non-linearities results in higher suppression of intermodu-
lation products. Only two DC-blocking capacitors, a bias resistor, and an
optional RF choke are required for operation.
0
8
16
24
32
01
23
45
Frequency (GHz)
-40
-30
-20
-10
0
GAIN
IRL
ORL
Gain & Return Loss vs. Frequency
V
D= 4.9 V, ID= 80 mA (Typ.)
High Gain: 20dB at 1950MHz
Cascadable 50
Operates from Single Supply
Low Thermal Resistance
Package
Applications
PA Driver Amplifier
Cellular, PCS, GSM, UMTS
IF Amplifier
Wireless Data, Satellite
DS111014
Package: SOT-89
SGA6589ZDC
to 3500MHz,
Cascadable
Low Noise,
High Gain SiGe
HBT
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
23.0
25.5
28.1
dB
850MHz
20.0
dB
1950MHz
18.2
dB
2400MHz
Output Power at 1dB Compression
21.5
dBm
850MHz
19.0
dBm
1950MHz
Output Third Intercept Point
32.5
dBm
850MHz
32.0
dBm
1950MHz
Bandwidth Determined by Return
Loss
4000
MHz
>9dB
Input Return Loss
13.1
dB
1950MHz
Output Return Loss
9.2
dB
1950MHz
Noise Figure
3.0
dB
1950MHz
Device Operating Voltage
4.5
4.9
5.3
V
Device Operating Current
72
80
88
mA
Thermal Resistance
(Junction - Lead)
97
°C/W
Test Conditions: VS=8V, ID=75mA Typ., OIP3 Tone Spacing=1MHz, POUT per tone=0dBm, RBIAS=39, TL=25°C, ZS=ZL=50


Similar Part No. - SGA6589Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA6586Z RFMD-SGA6586Z Datasheet
284Kb / 6P
DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6586ZPCK1 RFMD-SGA6586ZPCK1 Datasheet
284Kb / 6P
DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6586ZSQ RFMD-SGA6586ZSQ Datasheet
284Kb / 6P
DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6586ZSR RFMD-SGA6586ZSR Datasheet
284Kb / 6P
DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results

Similar Description - SGA6589Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-8343 ETC-SGA-8343 Datasheet
181Kb / 4P
Low Noise, High Gain SiGe HBT
logo
SIRENZA MICRODEVICES
SGA-8343 SIRENZA-SGA-8343 Datasheet
96Kb / 4P
Low Noise, High Gain SiGe HBT
logo
RF Micro Devices
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3263Z RFMD-SGA3263Z Datasheet
427Kb / 7P
DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4263Z RFMD-SGA4263Z Datasheet
563Kb / 6P
DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4463Z RFMD-SGA4463Z Datasheet
599Kb / 6P
DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5486Z RFMD-SGA5486Z Datasheet
375Kb / 6P
DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6489Z RFMD-SGA6489Z Datasheet
469Kb / 6P
DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA8343Z RFMD-SGA8343Z Datasheet
1Mb / 13P
LOW NOISE, HIGH GAIN SiGe HBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com