Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACR44U08LE Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # ACR44U08LE
Description  Fast Turn-off Asymmetric Thyristor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

ACR44U08LE Datasheet(HTML) 5 Page - Dynex Semiconductor

  ACR44U08LE Datasheet HTML 1Page - Dynex Semiconductor ACR44U08LE Datasheet HTML 2Page - Dynex Semiconductor ACR44U08LE Datasheet HTML 3Page - Dynex Semiconductor ACR44U08LE Datasheet HTML 4Page - Dynex Semiconductor ACR44U08LE Datasheet HTML 5Page - Dynex Semiconductor ACR44U08LE Datasheet HTML 6Page - Dynex Semiconductor ACR44U08LE Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ACR44U
5/7
0
1020
3040
5060
Pulse width t
p - (µs)
150
100
50
0
7mJ
5mJ
4mJ
3mJ
2mJ
1mJ
0
500
1000
1500
2000
2500
3000
0
10
20
30
40
Time - (ns)
Conditions: Peak on-state current = 8
µs (Half sine wave)
T
case = 25˚C, Gate current = 0.5A
V
T
IT
10% I
T
0t
Zero time is taken at initial
device current = 10% I
T
Time
Fig.3 Typical initial on-state voltage vs time
Fig.4 Maximum energy loss per pulse when switching a half sinusoidal pulse from 600V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com