Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACR44U08LE Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # ACR44U08LE
Description  Fast Turn-off Asymmetric Thyristor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

ACR44U08LE Datasheet(HTML) 6 Page - Dynex Semiconductor

  ACR44U08LE Datasheet HTML 1Page - Dynex Semiconductor ACR44U08LE Datasheet HTML 2Page - Dynex Semiconductor ACR44U08LE Datasheet HTML 3Page - Dynex Semiconductor ACR44U08LE Datasheet HTML 4Page - Dynex Semiconductor ACR44U08LE Datasheet HTML 5Page - Dynex Semiconductor ACR44U08LE Datasheet HTML 6Page - Dynex Semiconductor ACR44U08LE Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ACR44U
6/7
0
200
400
600
800
1000
Commutating dV/dt - (V/
µs)
10.0
8.0
6.0
4.0
2.0
Reverse gate bias -3.5 to -4V
No gate bias
20
40
60
80
100
120
Case temperature - (˚C)
10.0
8.0
6.0
4.0
2.0
Reverse gate bias -3.5 to -4V
No gate bias
12.0
Fig.5 Variation of turn-off time with commutating dV/dt
Fig.6 Variation of turn-off time with case temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com