Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5180 Datasheet(PDF) 7 Page - NEC

Part # 2SC5180
Description  NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5180 Datasheet(HTML) 7 Page - NEC

  2SC5180 Datasheet HTML 1Page - NEC 2SC5180 Datasheet HTML 2Page - NEC 2SC5180 Datasheet HTML 3Page - NEC 2SC5180 Datasheet HTML 4Page - NEC 2SC5180 Datasheet HTML 5Page - NEC 2SC5180 Datasheet HTML 6Page - NEC 2SC5180 Datasheet HTML 7Page - NEC 2SC5180 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
2SC5180
VCE = 2 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
600.00
0.489
–50.8
8.917
116.7
0.045
58.5
0.701
–31.1
800.00
0.371
–58.8
7.266
105.4
0.070
57.0
0.601
–33.3
1000.00
0.287
–62.3
6.166
96.2
0.090
57.4
0.523
–35.7
1200.00
0.233
–67.2
5.456
90.6
0.106
61.2
0.501
–38.3
1400.00
0.181
–72.6
4.743
84.5
0.122
62.0
0.465
–40.4
1600.00
0.138
–80.1
4.283
77.7
0.137
61.2
0.436
–42.7
1800.00
0.105
–86.5
3.937
74.2
0.143
62.8
0.404
–45.9
2000.00
0.072
–91.2
3.456
71.1
0.149
60.2
0.389
–47.1
2200.00
0.052
–93.0
3.097
66.9
0.159
57.3
0.391
–49.2
VCE = 2 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
600.00
0.404
–55.4
9.236
111.8
0.039
55.3
0.660
–30.2
800.00
0.298
–62.9
7.374
101.0
0.064
57.2
0.569
–31.4
1000.00
0.221
–65.2
6.206
92.5
0.087
60.1
0.501
–33.0
1200.00
0.169
–69.5
5.441
87.4
0.102
63.5
0.483
–35.3
1400.00
0.128
–76.3
4.701
81.4
0.119
63.3
0.456
–37.4
1600.00
0.089
–86.1
4.244
75.0
0.134
63.5
0.430
–39.5
1800.00
0.062
–96.1
3.888
71.9
0.140
64.0
0.400
–42.5
2000.00
0.035
–112.1
3.408
68.9
0.147
62.4
0.388
–43.8
2200.00
0.021
–121.3
3.050
64.8
0.156
59.6
0.393
–46.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com