Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5180 Datasheet(PDF) 1 Page - NEC

Part # 2SC5180
Description  NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5180 Datasheet(HTML) 1 Page - NEC

  2SC5180 Datasheet HTML 1Page - NEC 2SC5180 Datasheet HTML 2Page - NEC 2SC5180 Datasheet HTML 3Page - NEC 2SC5180 Datasheet HTML 4Page - NEC 2SC5180 Datasheet HTML 5Page - NEC 2SC5180 Datasheet HTML 6Page - NEC 2SC5180 Datasheet HTML 7Page - NEC 2SC5180 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1994
DATA SHEET
SILICON TRANSISTOR
2SC5180
FEATURES
• Low current consumption and high gain
S21e2 = 12 dB TYP. @ VCE = 2 V, IC = 7 mA, f = 2 GHz
S21e2 = 11 dB TYP. @ VCE = 1 V, IC = 5 mA, f = 2 GHz
• Supper Mini-Mold package
ORDERING INFORMATION
PART
QUANTITY
ARRANGEMENT
NUMBER
Embossed tape, 8 mm wide, pins No. 3
2SC5180–T1
(base) and No. 4 (emitter) facing the
3 000 units/reel
perforations
Embossed tape, 8 mm wide, pins No. 1
2SC5180–T2
(collector) and No. 2 (emitter) facing the
perforations
* Contact your NEC sales representatives to order samples for evaluation (available
in batches of 50).
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Collector to Base Voltage
VCBO
5V
Collector to Emitter Voltage
VCEO
3V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
10
mA
Total Power Dissipation
PT
30
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–65 to +150
°C
1.25 ± 0.1
2.1 ± 0.2
PACKAGE DIMENSIONS
(Units : mm)
1. Collector
2. Emitter
3. Base
4. Emitter
PIN CONNECTIONS
NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE
FOR LOW-NOISE MICROWAVE AMPLIFICATION
Caution;
This transistor uses high-frequency technology. Be careful not to allow excessive current to flow through the transistor, including static electricity.
Document No. P12104EJ2V0DS00 (2nd edition)
(Previous No. TC-2477)
Date Published December 1996 N
Printed in Japan


Similar Part No. - 2SC5180

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5180 RENESAS-2SC5180 Datasheet
278Kb / 9P
NPN SILICON RF TRANSISTOR
2004
2SC5180-T1 RENESAS-2SC5180-T1 Datasheet
278Kb / 9P
NPN SILICON RF TRANSISTOR
2004
More results

Similar Description - 2SC5180

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4225 NEC-2SC4225 Datasheet
41Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC5177 NEC-2SC5177 Datasheet
56Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5178 NEC-2SC5178 Datasheet
82Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5179 NEC-2SC5179 Datasheet
57Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN SMALL MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5181 NEC-2SC5181 Datasheet
50Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR IN ULTRA SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5182 NEC-2SC5182 Datasheet
56Kb / 12P
NPS EPITAXIAL SILICON TRANSISTOR IN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5183 NEC-2SC5183 Datasheet
60Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5184 NEC-2SC5184 Datasheet
58Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5185 NEC-2SC5185 Datasheet
60Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5186 NEC-2SC5186 Datasheet
58Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN ULTRA SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com