Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5181 Datasheet(PDF) 5 Page - NEC

Part # 2SC5181
Description  NPN EPITAXIAL SILICON TRANSISTOR IN ULTRA SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5181 Datasheet(HTML) 5 Page - NEC

  2SC5181 Datasheet HTML 1Page - NEC 2SC5181 Datasheet HTML 2Page - NEC 2SC5181 Datasheet HTML 3Page - NEC 2SC5181 Datasheet HTML 4Page - NEC 2SC5181 Datasheet HTML 5Page - NEC 2SC5181 Datasheet HTML 6Page - NEC 2SC5181 Datasheet HTML 7Page - NEC 2SC5181 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5181
5
S-PARAMETERS
VCE = 1 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
ANG
–25.9
–32.1
–39.9
–47.4
–53.1
–58.2
–64.2
–68.9
–74.6
ANG
–31.5
–40.9
–50.9
–60.1
–66.6
–73.7
–80.6
–88.8
–97.7
MAG
0.934
0.847
0.759
0.726
0.688
0.636
0.575
0.530
0.495
ANG
64.7
58.9
53.0
49.8
45.9
42.5
41.3
39.6
35.7
MAG
3.159
2.964
2.762
2.674
2.590
2.409
2.285
2.182
2.032
MAG
0.113
0.152
0.180
0.204
0.228
0.253
0.265
0.270
0.278
MAG
0.892
0.795
0.704
0.653
0.598
0.524
0.464
0.415
0.355
ANG
142.3
130.8
119.7
110.1
103.0
94.9
87.2
81.7
74.6
VCE = 1 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
ANG
–37.3
–43.1
–49.5
–54.2
–57.6
–61.1
–66.7
–69.5
–75.0
ANG
–48.4
–59.5
–68.5
–76.1
–81.4
–88.0
–92.7
–105.8
–121.6
MAG
0.754
0.629
0.533
0.493
0.448
0.411
0.369
0.334
0.311
ANG
59.6
55.7
53.0
53.5
51.6
50.1
49.7
50.0
46.8
MAG
6.121
5.199
4.502
4.084
3.661
3.279
3.024
2.796
2.535
MAG
0.095
0.123
0.143
0.165
0.183
0.204
0.220
0.230
0.244
MAG
0.653
0.517
0.422
0.362
0.301
0.245
0.209
0.175
0.132
ANG
124.0
111.4
100.6
92.8
86.8
79.5
74.1
70.4
64.5
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
ANG
–40.3
–44.6
–48.9
–52.5
–55.2
–58.4
–63.6
–65.6
–71.7
ANG
–56.3
–66.9
–73.5
–79.7
–85.5
–91.8
–96.2
–116.1
–142.5
MAG
0.648
0.530
0.446
0.414
0.379
0.347
0.313
0.283
0.268
ANG
57.8
57.0
56.4
56.4
55.2
53.8
53.5
53.3
50.7
MAG
7.156
5.830
4.939
4.391
3.865
3.440
3.155
2.900
2.614
MAG
0.082
0.109
0.131
0.151
0.175
0.196
0.213
0.227
0.241
MAG
0.514
0.389
0.307
0.253
0.202
0.157
0.130
0.108
0.077
ANG
115.3
103.5
93.6
86.9
81.4
74.7
70.1
67.0
61.5
VCE = 1 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
ANG
–40.5
–43.6
–46.6
–49.4
–51.8
–54.5
–59.5
–61.4
–67.2
ANG
–61.9
–72.5
–78.2
–84.9
–91.4
–98.8
–104.3
–136.6
–174.6
MAG
0.570
0.469
0.399
0.374
0.347
0.322
0.290
0.264
0.249
ANG
59.1
59.0
57.9
59.2
57.6
56.2
55.3
55.9
52.7
MAG
7.590
6.043
5.059
4.454
3.886
3.455
3.162
2.898
2.606
MAG
0.077
0.101
0.124
0.145
0.169
0.191
0.210
0.224
0.237
MAG
0.405
0.305
0.229
0.184
0.141
0.106
0.086
0.071
0.060
ANG
109.4
98.4
89.2
83.2
78.0
71.6
67.6
64.6
59.4
VCE = 1 V, IC = 3 mA, ZO = 50
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com