Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5181 Datasheet(PDF) 6 Page - NEC

Part # 2SC5181
Description  NPN EPITAXIAL SILICON TRANSISTOR IN ULTRA SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5181 Datasheet(HTML) 6 Page - NEC

  2SC5181 Datasheet HTML 1Page - NEC 2SC5181 Datasheet HTML 2Page - NEC 2SC5181 Datasheet HTML 3Page - NEC 2SC5181 Datasheet HTML 4Page - NEC 2SC5181 Datasheet HTML 5Page - NEC 2SC5181 Datasheet HTML 6Page - NEC 2SC5181 Datasheet HTML 7Page - NEC 2SC5181 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5181
6
VCE = 1 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
ANG
–39.4
–40.5
–42.1
–44.8
–47.0
–49.2
–54.0
–56.1
–62.0
ANG
–71.3
–82.5
–89.5
–98.6
–110.3
–127.3
–140.2
–176.6
153.2
MAG
0.526
0.434
0.375
0.355
0.335
0.314
0.283
0.262
0.247
ANG
62.8
61.0
59.7
61.4
60.6
58.2
57.6
57.4
54.8
MAG
7.550
5.924
4.927
4.307
3.740
3.326
3.041
2.781
2.498
MAG
0.069
0.096
0.119
0.141
0.165
0.187
0.207
0.219
0.235
MAG
0.324
0.232
0.167
0.128
0.094
0.067
0.055
0.068
0.083
ANG
104.5
94.2
85.5
80.0
74.9
68.7
64.9
62.2
56.9
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
ANG
–24.4
–30.3
–37.6
–45.0
–50.5
–55.0
–60.8
–65.6
–70.9
ANG
–29.6
–38.5
–47.8
–56.7
–62.9
–69.2
–75.6
–83.6
–91.1
MAG
0.940
0.861
0.778
0.745
0.712
0.659
0.601
0.556
0.522
ANG
66.0
59.6
55.0
51.4
47.9
44.4
43.6
41.6
37.8
MAG
3.172
2.995
2.797
2.715
2.646
2.467
2.343
2.243
2.095
MAG
0.106
0.143
0.172
0.196
0.220
0.240
0.255
0.261
0.268
MAG
0.901
0.811
0.719
0.671
0.621
0.549
0.488
0.438
0.380
ANG
143.7
132.6
121.7
112.2
105.3
97.5
89.8
84.3
77.3
VCE = 2 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
ANG
–34.8
–40.4
–46.1
–50.7
–54.5
–57.3
–62.3
–65.0
–70.0
ANG
–44.9
–55.3
–63.1
–69.9
–74.0
–78.9
–82.5
–93.2
–103.1
MAG
0.778
0.656
0.563
0.519
0.481
0.441
0.397
0.363
0.343
ANG
60.5
56.1
54.8
54.2
53.1
51.3
51.5
51.1
48.8
MAG
6.256
5.350
4.650
4.225
3.809
3.408
3.144
2.918
2.647
MAG
0.088
0.114
0.137
0.157
0.176
0.195
0.214
0.223
0.236
MAG
0.678
0.543
0.447
0.388
0.325
0.270
0.231
0.193
0.148
ANG
125.7
113.4
102.7
94.8
88.9
81.8
76.3
72.7
66.8
VCE = 2 V, IC = 1 mA, ZO = 50
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com