Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183 Datasheet(PDF) 5 Page - NEC

Part # 2SC5183
Description  NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5183 Datasheet(HTML) 5 Page - NEC

  2SC5183 Datasheet HTML 1Page - NEC 2SC5183 Datasheet HTML 2Page - NEC 2SC5183 Datasheet HTML 3Page - NEC 2SC5183 Datasheet HTML 4Page - NEC 2SC5183 Datasheet HTML 5Page - NEC 2SC5183 Datasheet HTML 6Page - NEC 2SC5183 Datasheet HTML 7Page - NEC 2SC5183 Datasheet HTML 8Page - NEC 2SC5183 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
2SC5183
S-PARAMETERS
VCE = 1 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
MAG
0.939
0.896
0.821
0.754
0.662
0.587
0.529
0.480
0.441
0.436
0.427
0.434
0.461
0.472
0.498
ANG
–18.1
–34.7
–52.0
–69.6
–86.6
–103.2
–121.1
–137.1
–154.9
–170.7
174.4
163.8
150.8
141.8
131.3
MAG
3.502
3.354
3.189
3.019
2.797
2.549
2.353
2.157
1.961
1.824
1.673
1.588
1.504
1.410
1.314
ANG
164.0
149.0
134.7
120.1
107.6
95.6
84.9
74.7
66.2
57.9
50.3
43.6
36.8
30.1
23.3
MAG
0.046
0.090
0.129
0.154
0.180
0.196
0.203
0.208
0.215
0.213
0.210
0.206
0.210
0.220
0.210
ANG
75.5
67.8
58.2
47.7
40.3
33.5
26.1
21.5
16.7
14.3
11.6
9.7
10.1
10.1
4.9
MAG
0.982
0.938
0.891
0.821
0.750
0.687
0.627
0.572
0.527
0.485
0.458
0.435
0.413
0.391
0.361
ANG
–10.2
–19.8
–28.9
–37.2
–43.0
–49.7
–56.9
–61.4
–67.0
–70.8
–75.3
–81.6
–85.1
–91.6
–102.3
VCE = 1 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
MAG
0.814
0.691
0.552
0.458
0.377
0.324
0.302
0.291
0.293
0.307
0.329
0.361
0.386
0.408
0.433
ANG
–29.5
–54.3
–76.7
–97.4
–117.4
–137.3
–156.7
–174.1
169.8
156.1
145.5
137.1
128.9
121.5
113.5
MAG
9.022
7.707
6.431
5.442
4.633
3.974
3.506
3.114
2.770
2.540
2.297
2.160
2.017
1.904
1.760
ANG
154.0
132.8
116.4
102.2
91.3
81.8
73.5
66.0
59.3
52.8
46.8
41.1
35.7
30.0
24.1
MAG
0.047
0.077
0.103
0.120
0.130
0.143
0.156
0.163
0.177
0.192
0.201
0.220
0.225
0.244
0.251
ANG
75.7
64.2
54.4
48.2
45.8
41.6
38.0
37.7
35.6
33.1
30.8
30.0
26.7
26.2
21.4
MAG
0.930
0.801
0.679
0.572
0.492
0.432
0.376
0.343
0.308
0.274
0.251
0.222
0.204
0.188
0.190
ANG
–18.2
–33.5
–43.6
–51.0
–55.9
–61.6
–67.2
–72.7
–78.0
–82.8
–86.2
–95.2
–100.8
–106.8
–126.4
VCE = 1 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
MAG
0.711
0.545
0.408
0.330
0.275
0.248
0.249
0.251
0.264
0.295
0.319
0.339
0.380
0.405
0.425
ANG
–38.3
–66.7
–90.5
–112.0
–135.4
–156.0
–175.0
167.3
153.7
143.5
133.6
127.8
120.5
115.7
108.2
MAG
12.750
9.866
7.672
6.228
5.180
4.383
3.837
3.385
2.991
2.740
2.476
2.317
2.161
2.042
1.880
ANG
146.7
123.4
107.6
94.8
85.2
77.0
69.7
62.9
56.8
51.0
45.5
40.3
35.3
29.6
24.1
MAG
0.040
0.066
0.086
0.107
0.118
0.137
0.147
0.163
0.176
0.193
0.203
0.221
0.233
0.253
0.263
ANG
68.6
58.5
54.8
51.2
48.8
47.4
46.0
43.1
42.2
38.8
35.9
34.3
30.8
30.2
24.5
MAG
0.870
0.686
0.553
0.451
0.385
0.337
0.294
0.257
0.224
0.195
0.183
0.163
0.141
0.133
0.152
ANG
–24.6
–40.6
–49.8
–56.2
–59.7
–65.0
–71.2
–75.9
–83.7
–89.5
–94.2
–109.5
–114.4
–122.3
–147.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com