Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183 Datasheet(PDF) 8 Page - NEC

Part # 2SC5183
Description  NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5183 Datasheet(HTML) 8 Page - NEC

Back Button 2SC5183 Datasheet HTML 4Page - NEC 2SC5183 Datasheet HTML 5Page - NEC 2SC5183 Datasheet HTML 6Page - NEC 2SC5183 Datasheet HTML 7Page - NEC 2SC5183 Datasheet HTML 8Page - NEC 2SC5183 Datasheet HTML 9Page - NEC 2SC5183 Datasheet HTML 10Page - NEC 2SC5183 Datasheet HTML 11Page - NEC 2SC5183 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
2SC5183
VCE = 2 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MAG
0.653
0.475
0.338
0.255
0.200
0.166
0.168
0.168
0.184
0.215
0.242
0.264
0.310
0.331
0.350
ANG
–37.7
–63.8
–84.5
–104.5
–125.2
–150.4
–171.1
168.4
151.8
141.5
129.3
124.5
119.2
112.8
108.0
MAG
15.782
11.759
8.990
7.211
5.957
5.029
4.395
3.883
3.442
3.142
2.855
2.660
2.476
2.334
2.164
ANG
144.1
120.9
106.0
94.1
85.3
77.6
71.0
64.7
58.9
53.4
48.1
42.9
38.4
33.0
27.8
MAG
0.034
0.055
0.071
0.084
0.102
0.121
0.132
0.148
0.162
0.179
0.182
0.204
0.218
0.240
0.250
ANG
69.7
65.6
60.1
55.5
56.3
55.0
53.0
50.3
48.1
44.4
42.2
39.4
36.0
34.1
29.0
MAG
0.853
0.666
0.546
0.460
0.397
0.360
0.319
0.290
0.254
0.232
0.217
0.189
0.169
0.156
0.153
ANG
–23.8
–37.6
–43.9
–47.5
–50.5
–53.1
–58.2
–62.7
–69.2
–72.5
–78.3
–89.1
–91.6
–93.9
–118.7
VCE = 2 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MAG
0.551
0.373
0.248
0.188
0.144
0.135
0.144
0.159
0.176
0.210
0.237
0.267
0.302
0.340
0.360
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
ANG
–43.3
–69.6
–90.3
–112.1
–137.4
–163.1
176.0
156.1
138.6
131.3
125.1
119.1
114.0
111.0
103.5
MAG
18.674
12.955
9.543
7.543
6.175
5.195
4.525
3.994
3.529
3.231
2.933
2.740
2.555
2.396
2.205
ANG
138.6
115.2
101.3
90.6
82.4
75.3
69.2
63.3
57.9
52.7
47.6
42.7
38.2
32.7
27.7
MAG
0.031
0.051
0.068
0.082
0.098
0.117
0.134
0.150
0.160
0.179
0.194
0.207
0.219
0.236
0.256
ANG
69.7
65.3
62.3
62.2
58.4
57.7
53.6
52.1
51.2
47.0
44.2
41.5
38.3
35.2
29.8
MAG
0.800
0.590
0.478
0.403
0.352
0.317
0.281
0.259
0.228
0.201
0.185
0.162
0.143
0.127
0.134
ANG
–27.6
–39.9
–45.3
–47.7
–50.5
–53.2
–57.5
–61.9
–68.3
–71.4
–81.2
–90.7
–90.9
–101.1
–127.4
VCE = 2 V, IC = 20 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
MAG
0.367
0.223
0.142
0.108
0.108
0.122
0.141
0.159
0.193
0.217
0.245
0.278
0.314
0.335
0.357
ANG
–54.7
–82.7
–107.6
–137.1
–170.1
168.0
148.9
137.5
127.3
123.6
117.4
113.9
110.1
106.1
99.8
MAG
22.865
14.270
10.122
7.845
6.376
5.346
4.638
4.087
3.611
3.297
2.987
2.801
2.597
2.458
2.259
ANG
129.1
107.1
95.3
86.0
78.6
72.3
66.6
61.3
56.1
51.2
46.3
41.7
37.3
32.2
26.7
MAG
0.026
0.045
0.062
0.084
0.101
0.118
0.135
0.152
0.169
0.183
0.203
0.221
0.232
0.260
0.262
ANG
73.5
68.7
67.7
67.2
63.4
60.7
57.8
56.9
52.1
50.3
46.5
43.5
40.0
36.6
30.8
MAG
0.682
0.477
0.389
0.327
0.291
0.260
0.232
0.209
0.184
0.158
0.147
0.127
0.110
0.096
0.117
ANG
–33.0
–42.2
–44.6
–46.8
–48.1
–52.5
–57.7
–62.8
–70.4
–76.2
–84.1
–95.5
–104.8
–109.1
–143.4
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com