Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5185 Datasheet(PDF) 5 Page - NEC

Part # 2SC5185
Description  NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5185 Datasheet(HTML) 5 Page - NEC

  2SC5185 Datasheet HTML 1Page - NEC 2SC5185 Datasheet HTML 2Page - NEC 2SC5185 Datasheet HTML 3Page - NEC 2SC5185 Datasheet HTML 4Page - NEC 2SC5185 Datasheet HTML 5Page - NEC 2SC5185 Datasheet HTML 6Page - NEC 2SC5185 Datasheet HTML 7Page - NEC 2SC5185 Datasheet HTML 8Page - NEC 2SC5185 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
2SC5185
S-PARAMETER
VCE = 1 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
MAG
0.856
0.745
0.693
0.625
0.576
0.558
0.536
0.501
0.489
ANG
–52.6
–70.3
–85.9
–100.4
–116.1
–129.6
–139.6
–151.3
–163.7
MAG
3.176
2.880
2.664
2.517
2.285
2.114
1.990
1.786
1.603
ANG
135.4
121.6
109.0
99.6
90.9
81.7
75.0
69.9
62.0
MAG
0.116
0.157
0.182
0.196
0.210
0.214
0.210
0.201
0.205
ANG
50.5
42.3
36.5
31.7
26.5
23.9
20.9
16.5
12.4
MAG
0.907
0.803
0.715
0.679
0.622
0.578
0.546
0.520
0.488
ANG
–29.6
–36.5
–44.4
–51.0
–56.0
–61.4
–67.1
–70.7
–75.1
VCE = 1 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
MAG
0.624
0.521
0.448
0.412
0.397
0.405
0.389
0.384
0.394
ANG
–80.7
–102.2
–117.6
–134.8
–151.6
–162.6
–171.8
177.6
167.9
MAG
6.490
5.364
4.631
4.118
3.564
3.231
2.954
2.612
2.313
ANG
118.9
105.7
94.9
87.7
80.3
72.8
68.5
64.6
58.6
MAG
0.088
0.114
0.131
0.139
0.150
0.157
0.157
0.160
0.168
ANG
43.7
37.8
36.3
36.5
35.3
36.0
36.8
35.2
31.5
MAG
0.692
0.565
0.470
0.421
0.369
0.336
0.315
0.301
0.277
ANG
–46.8
–54.6
–62.0
–66.8
–72.7
–78.6
–84.2
–87.1
–92.5
VCE = 1 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
MAG
0.505
0.425
0.363
0.344
0.352
0.369
0.357
0.363
0.374
ANG
–96.4
–119.5
–134.7
–152.8
–168.1
–177.0
174.4
165.0
157.4
MAG
7.878
6.280
5.309
4.632
3.967
3.586
3.255
2.870
2.537
ANG
110.7
98.7
89.2
83.2
76.2
69.6
66.1
62.6
57.1
MAG
0.074
0.095
0.112
0.125
0.137
0.147
0.152
0.158
0.168
ANG
39.4
41.7
41.5
42.5
42.7
44.0
45.1
43.1
39.5
MAG
0.565
0.446
0.366
0.318
0.280
0.254
0.242
0.228
0.214
ANG
–55.5
–62.5
–69.6
–74.2
–80.5
–87.7
–94.1
–96.5
–104.1
VCE = 1 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
MAG
0.422
0.370
0.320
0.317
0.334
0.352
0.346
0.357
0.368
ANG
–110.6
–132.4
–148.4
–166.0
–178.8
173.7
165.8
157.6
151.2
MAG
8.698
6.795
5.683
4.902
4.181
3.778
3.416
3.007
2.658
ANG
105.2
94.4
85.7
80.4
73.9
67.7
64.7
61.4
56.3
MAG
0.063
0.086
0.104
0.117
0.131
0.145
0.150
0.159
0.169
ANG
43.6
44.0
44.3
47.1
47.5
48.4
49.7
47.3
43.7
MAG
0.475
0.373
0.296
0.257
0.225
0.206
0.198
0.188
0.182
ANG
–61.4
–68.7
–75.8
–79.0
–87.9
–95.6
–102.7
–105.8
–114.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com