Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5185 Datasheet(PDF) 6 Page - NEC

Part # 2SC5185
Description  NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5185 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5185 Datasheet HTML 2Page - NEC 2SC5185 Datasheet HTML 3Page - NEC 2SC5185 Datasheet HTML 4Page - NEC 2SC5185 Datasheet HTML 5Page - NEC 2SC5185 Datasheet HTML 6Page - NEC 2SC5185 Datasheet HTML 7Page - NEC 2SC5185 Datasheet HTML 8Page - NEC 2SC5185 Datasheet HTML 9Page - NEC 2SC5185 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
2SC5185
VCE = 1 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
MAG
0.371
0.336
0.298
0.306
0.328
0.345
0.342
0.357
0.367
ANG
–123.3
–143.8
–160.3
–176.2
172.8
166.8
159.6
152.3
146.8
MAG
9.225
7.119
5.917
5.065
4.315
3.900
3.513
3.095
2.733
ANG
101.0
91.1
83.2
78.4
72.1
66.3
63.6
60.5
55.6
MAG
0.058
0.077
0.099
0.113
0.129
0.145
0.151
0.161
0.172
ANG
45.8
46.0
47.5
51.2
52.3
52.4
53.4
51.1
46.7
MAG
0.404
0.314
0.246
0.212
0.187
0.174
0.173
0.162
0.161
ANG
–66.0
–73.4
–80.9
–84.1
–94.9
–104.0
–111.5
–114.7
–123.5
VCE = 1 V, IC = 20 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
MAG
0.325
0.315
0.299
0.321
0.348
0.362
0.363
0.378
0.388
ANG
–150.0
–165.4
179.0
167.3
159.9
156.0
150.1
144.6
140.0
MAG
9.545
7.257
5.989
5.079
4.323
3.909
3.506
3.088
2.725
ANG
94.3
85.9
79.1
74.9
68.9
63.7
61.4
58.5
53.8
MAG
0.049
0.074
0.099
0.112
0.130
0.147
0.155
0.166
0.178
ANG
48.3
55.5
54.4
57.8
56.9
57.3
57.5
55.4
50.1
MAG
0.281
0.219
0.173
0.142
0.135
0.135
0.142
0.133
0.141
ANG
–76.8
–83.3
–93.4
–96.9
–112.0
–123.8
–131.8
–135.4
–143.2
VCE = 1 V, IC = 30 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
MAG
0.339
0.341
0.326
0.353
0.383
0.393
0.394
0.411
0.418
ANG
–163.4
–174.3
–172.0
161.4
155.6
151.7
146.8
141.7
137.7
MAG
9.097
6.891
5.682
4.801
4.089
3.700
3.313
2.918
2.573
ANG
91.6
83.6
77.1
73.0
67.2
62.0
59.9
57.0
52.2
MAG
0.049
0.071
0.094
0.113
0.130
0.148
0.155
0.168
0.177
ANG
56.6
54.2
57.0
60.1
59.0
58.1
58.9
56.4
50.6
MAG
0.234
0.181
0.143
0.118
0.114
0.122
0.130
0.125
0.134
ANG
–81.2
–87.8
–98.2
–105.8
–121.2
–133.3
–140.4
–144.3
–151.8
VCE = 2 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
MAG
0.876
0.762
0.709
0.642
0.590
0.566
0.545
0.502
0.483
ANG
–48.7
–64.8
–80.1
–93.7
–108.8
–122.4
–132.8
–144.4
–157.0
MAG
3.238
2.975
2.768
2.632
2.421
2.241
2.122
1.911
1.719
ANG
138.5
125.2
112.9
103.6
95.2
86.0
79.1
73.9
66.2
MAG
0.098
0.133
0.162
0.175
0.185
0.190
0.188
0.181
0.184
ANG
51.8
45.8
39.2
34.5
29.5
27.7
24.7
20.0
15.8
MAG
0.929
0.834
0.750
0.720
0.668
0.627
0.593
0.568
0.539
ANG
–26.2
–32.1
–39.1
–45.6
–50.5
–55.0
–60.1
–63.8
–67.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com