Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5186 Datasheet(PDF) 6 Page - NEC

Part # 2SC5186
Description  NPN EPITAXIAL SILICON TRANSISTOR IN ULTRA SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5186 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5186 Datasheet HTML 2Page - NEC 2SC5186 Datasheet HTML 3Page - NEC 2SC5186 Datasheet HTML 4Page - NEC 2SC5186 Datasheet HTML 5Page - NEC 2SC5186 Datasheet HTML 6Page - NEC 2SC5186 Datasheet HTML 7Page - NEC 2SC5186 Datasheet HTML 8Page - NEC 2SC5186 Datasheet HTML 9Page - NEC 2SC5186 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
2SC5186
VCE = 1 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
MAG
0.363
0.305
0.246
0.233
0.230
0.242
0.248
0.262
0.287
ANG
–103.5
–125.6
–140.7
–157.3
–174.1
176.0
166.7
154.8
144.5
MAG
8.197
6.389
5.312
4.636
3.987
3.540
3.255
2.904
2.584
ANG
103.6
93.1
84.4
78.7
73.3
67.1
62.8
59.5
54.3
MAG
0.073
0.093
0.116
0.134
0.154
0.174
0.188
0.199
0.210
ANG
50.7
51.1
52.8
53.4
53.2
51.5
52.0
51.7
48.4
MAG
0.457
0.355
0.286
0.253
0.223
0.195
0.174
0.158
0.146
ANG
–56.6
–61.0
–65.9
–68.6
–73.6
–80.4
–88.2
–92.6
–103.6
VCE = 1 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
MAG
0.299
0.259
0.216
0.211
0.220
0.234
0.242
0.258
0.286
ANG
–115.1
–136.8
–153.1
–169.2
175.5
167.5
159.6
148.9
139.9
MAG
8.638
6.657
5.505
4.774
4.093
3.633
3.334
2.967
2.638
ANG
99.5
90.0
81.9
76.8
71.6
65.7
61.7
58.6
53.6
MAG
0.063
0.088
0.114
0.135
0.155
0.174
0.191
0.203
0.215
ANG
55.2
55.8
54.9
56.2
56.1
54.6
54.0
53.7
50.1
MAG
0.386
0.299
0.239
0.209
0.183
0.162
0.143
0.132
0.124
ANG
–60.1
–63.7
–67.4
–70.6
–75.3
–83.7
–93.4
–99.4
–112.4
VCE = 1 V, IC = 20 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
MAG
0.232
0.226
0.204
0.210
0.230
0.251
0.256
0.278
0.305
ANG
–144.0
–160.4
–177.5
169.4
159.6
154.6
148.1
139.7
133.0
MAG
8.936
6.790
5.587
4.809
4.105
3.648
3.336
2.965
2.629
ANG
93.2
85.0
77.9
73.5
68.6
63.0
59.5
56.7
51.8
MAG
0.061
0.087
0.112
0.136
0.159
0.179
0.196
0.209
0.222
ANG
59.1
61.6
60.3
61.4
59.2
58.5
57.0
55.9
51.8
MAG
0.267
0.206
0.163
0.142
0.123
0.109
0.100
0.094
0.098
ANG
–67.1
–69.5
–73.6
–77.2
–85.0
–96.4
–110.7
–118.8
–136.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com