Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5186 Datasheet(PDF) 8 Page - NEC

Part # 2SC5186
Description  NPN EPITAXIAL SILICON TRANSISTOR IN ULTRA SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5186 Datasheet(HTML) 8 Page - NEC

Back Button 2SC5186 Datasheet HTML 4Page - NEC 2SC5186 Datasheet HTML 5Page - NEC 2SC5186 Datasheet HTML 6Page - NEC 2SC5186 Datasheet HTML 7Page - NEC 2SC5186 Datasheet HTML 8Page - NEC 2SC5186 Datasheet HTML 9Page - NEC 2SC5186 Datasheet HTML 10Page - NEC 2SC5186 Datasheet HTML 11Page - NEC 2SC5186 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
2SC5186
VCE = 2 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
MAG
0.465
0.364
0.295
0.250
0.226
0.220
0.214
0.211
0.229
ANG
–81.0
–99.5
–114.2
–128.7
–146.1
–161.2
–173.2
172.1
158.4
MAG
8.012
6.426
5.408
4.784
4.169
3.704
3.414
3.049
2.717
ANG
112.0
100.5
90.8
84.5
78.9
72.3
67.2
63.8
58.5
MAG
0.068
0.093
0.111
0.127
0.143
0.160
0.170
0.182
0.193
ANG
50.5
51.8
50.5
52.0
51.9
51.7
51.7
51.7
48.6
MAG
0.599
0.483
0.403
0.368
0.332
0.302
0.272
0.253
0.239
ANG
–44.8
–49.0
–53.0
–56.0
–57.9
–60.7
–65.2
–68.5
–74.5
VCE = 2 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
MAG
0.369
0.289
0.224
0.194
0.183
0.185
0.188
0.194
0.215
ANG
–90.4
–109.7
–123.7
–139.8
–159.0
–173.1
175.2
161.5
149.9
MAG
8.842
6.950
5.784
5.068
4.383
3.887
3.574
3.182
2.834
ANG
106.4
96.0
87.2
81.5
76.4
70.2
65.7
62.4
57.5
MAG
0.064
0.086
0.105
0.125
0.143
0.159
0.176
0.184
0.196
ANG
53.1
54.5
53.3
56.1
55.6
55.2
55.3
54.2
51.3
MAG
0.517
0.412
0.339
0.309
0.280
0.256
0.229
0.213
0.202
ANG
–47.9
–50.5
–53.7
–56.0
–58.1
–60.9
–65.7
–69.4
–76.2
VCE = 2 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
MAG
0.294
0.234
0.180
0.158
0.158
0.168
0.174
0.185
0.208
ANG
–98.0
–119.0
–134.2
–151.6
–170.0
176.2
166.0
153.4
144.0
MAG
9.407
7.292
6.034
5.254
4.520
4.010
3.682
3.271
2.905
ANG
102.2
92.7
84.5
79.5
74.5
68.6
64.4
61.5
56.7
MAG
0.057
0.081
0.104
0.123
0.142
0.161
0.177
0.187
0.200
ANG
55.6
55.5
56.6
59.2
58.9
57.5
57.3
56.7
53.1
MAG
0.445
0.358
0.294
0.268
0.243
0.220
0.200
0.184
0.176
ANG
–49.5
–51.8
–53.7
–55.1
–57.7
–60.5
–66.2
–70.2
–77.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com