Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART700 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMART700
Description  SmartPro Tower UPS System - Intelligent
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART700 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMART700 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Supports Tripp Lite's WatchDog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked
computers by automatically switching UPS power off and back on again
Notification of system status via 5 LEDs and multi-function audible alarms
Wall mountable with UPSWM wallmount bracket
Attractive small footprint black tower housing uses less than 53 square inches
Hot-swappable batteries allow on-site battery replacement
Cold start capability enables UPS turn-on in battery mode during blackout conditions
UL (USA), cUL (Canada), NOM (Mexico), Class A (Emissions) Listed
$250,000 Ultimate Lifetime Insurance.
2 year manufacturers product warranty
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
700
Output Watt Capacity (watts)
450
Output power factor
0.6
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency compatibility
60 Hz
Output voltage regulation (line mode)
-18%, +8%
Output voltage regulation (Battery
mode)
115V (+/- 5%)
Built-in UPS output receptacles
6 5-15R outlet(s)
Basic PDU options
PDU1215 (1U / 13 5-15R outlets); PDUNV (1U / 2 C19, 12 C13 outlets); PDU1415 (0U / 14 5-15R outlets); PDUV15
(0U / 12 5-15R outlets)
Metered PDU options
PDUMH15 (1U / 13 5-15R outlets); PDUMH15AT (1U / 8 5-15R outlets)*; PDUMV15 (0U / 16 5-15R outlets)
Switched PDU options
PDUMH15ATNET (1U / 8 5-15R outlets)*; PDUMV15NET (0U / 16 5-15R outlets)
External PDU redundancy options
*Auto Transfer Switch features utilizing the secondary PDU input cord are compatible with Smart Online UPS
models only
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
PWM sine wave
INPUT
Rated input current (at maximum
load)
4.4A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P
UPS Input cord length (ft.)
6
UPS Input cord length (m)
1.8
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com