Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART700 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMART700
Description  SmartPro Tower UPS System - Intelligent
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART700 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART700 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro Tower UPS System - Intelligent,
line-interactive battery backup and network power
management
MODEL NUMBER: SMART700
Description
Tripp Lite's SMART 700 intelligent, line interactive UPS system protects servers, networking accessories and
telecommunications equipment from blackouts, voltage fluctuations and transient surges. Large internal batteries
offer 20 minutes half load runtime and 6 minutes at full load during power failures. 700VA/450 watt power handling capability supports a variety of networking,
telecom and various other application types, including the support of multiple network workstations. Includes a total of 6 UPS supported outlets. Supports
remote monitoring of UPS and site power conditions via built-in USB monitoring port. Includes PowerAlert UPS monitoring and unattended shutdown software
with complete cabling. Built-in audible alarm and 5 front panel LEDs indicate status of line power, battery power, battery low/replace, voltage regulation and
load level. Wall mountable with UPSWM wallmount bracket. Network-grade AC surge suppression protects equipment from damage and performance
problems resulting from transient surges. Attractive, small-footprint tower housing uses less than 53 square inches of floor or desktop space. Two year warranty
with $250,000connected equipment insurance.
Features
700VA/450 watt power handling capability supports a variety of networking, telecom and various other application types
Built-in voltage regulation and battery support, plus complete AC line surge suppression prevents equipment damage, data loss and downtime
Large internal batteries offer 20 minutes half load runtime and 6 minutes at full load during power failures
Automatic Voltage Regulation (AVR) circuits with two boost and one voltage reduction level maintains usable 120V nominal output over an input voltage
range of 75-147V
Includes a total of 6 NEMA5-15R outlets
Includes USB communications port for remote monitoring of UPS status and site power conditions
Communications port enables safe unattended shutdown without data loss during extended power failures
Communications port supports messaging of UPS and line power status, including on-battery, low-battery, power-restored, AC line voltage, DC battery
voltage and battery capacity
Communications ports support timed inverter shutoff after unattended shutdown, activate self-test and 10 second reboot of connected equipment
PowerAlert UPS monitoring and unattended shutdown software with complete cabling included
Battery replacement door
Highlights
700VA line interactive tower UPS
Maintains 120V nominal output
over an input range of 75 to 147V
Network communications
supported via USB port
Current monitoring
Input: NEMA 5-15P (120V 15A) /
Output: 6 NEMA 5-15R (120V)
2 year product warranty /
$250,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Package Includes
SMART 700 UPS System
Monitoring cable
PowerAlert unattended shutdown
and UPS/Power monitoring
software
Instruction manual with warranty
information
1 / 5


Similar Part No. - SMART700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART700DV ETC2-SMART700DV Datasheet
514Kb / 6P
SmartPro .7kVA Line Interactive UPS SNMPWEBCARD option, Tower, USB, Serial, EPO, 120/230V input, 120V output - enhanced runtime version
logo
Tripp Lite. All Rights ...
SMART700DV TRIPPLITE-SMART700DV_15 Datasheet
509Kb / 4P
SmartPro 120V 700VA 450W Line-Interactive Sine Wave UPS, Dual Voltage, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART700HG ETC2-SMART700HG Datasheet
492Kb / 6P
SmartPro Medical Grade .7kVA 120V Line interactive Tower UPS, full isolation, USB & Serial ports
logo
Tripp Lite. All Rights ...
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
SMART700SER TRIPPLITE-SMART700SER Datasheet
491Kb / 4P
SmartPro 120V 700VA 450W Line-Interactive UPS,Tower, DB9 Serial
More results

Similar Description - SMART700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART750 ETC2-SMART750 Datasheet
501Kb / 6P
SmartPro .75kVA Line Interactive UPS, Tower USB 120V
SMART750XL ETC2-SMART750XL Datasheet
512Kb / 6P
SmartPro XL Expandable Tower UPS System - Intelligent, line-interactive battery backup and network power management
SMART1500 ETC2-SMART1500 Datasheet
518Kb / 7P
SmartPro Tower UPS System - Intelligent, line interactive network power management system
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
SMART2200VSXL ETC2-SMART2200VSXL Datasheet
516Kb / 7P
SmartPro 2.2kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower
SMX500RT1U ETC2-SMX500RT1U Datasheet
490Kb / 5P
SmartPro .5kVA Line Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB
logo
Tripp Lite. All Rights ...
SMART700SER TRIPPLITE-SMART700SER Datasheet
491Kb / 4P
SmartPro 120V 700VA 450W Line-Interactive UPS,Tower, DB9 Serial
SMART1050 TRIPPLITE-SMART1050_15 Datasheet
502Kb / 5P
SmartPro 120V 1.05kVA 705W Line-Interactive UPS,Tower, 120V, USB port
SMART1500 TRIPPLITE-SMART1500_15 Datasheet
510Kb / 5P
SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Tower, USB, DB9 Serial
SMARTINT1500 TRIPPLITE-SMARTINT1500 Datasheet
494Kb / 5P
SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com