Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC-R2025-517 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SNC-R2025-517
Description  Solid State Power Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SNC-R2025-517 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SNC-R2025-517 Datasheet HTML 1Page - List of Unclassifed Manufacturers SNC-R2025-517 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AMETEK National Controls Corp. • 1725 Western Drive • West Chicago, Illinois 60185 • Tel: 800-323-2593 • 630-231-5900 • FAX: 630-231-1377 • www.nationalcontrols.com
5-2
SOLID STATE RELAYS
Solid State Power Relays
Model R2025
FEATURES
CSA certified file #LR701222
100% functionally and surge tested
24 to 330 VAC load voltage
4000 V isolation
Optically coupled
Epoxy filled
Capable of being switched by a single
CMOS gate
Built in snubber
Capable of switching inductive loads of
0.5 power factor
UL recognized component file
#E164906
The AMETEK NCC Series of Solid State
Power Relays provide a highly reliable
means of switching a variety of AC loads up
to 20 A. Snubber circuitry is included with
each unit for high dV/dt applications and
inductive loads.
Use of rugged output devices provides
significant increases in turn-on surge capa-
bility. Two input control voltage ranges are
available in either Form A (SPST-NO) or
Form B (SPST-NC) output configurations.
●
●
●
●
●
●
●
●
●
●
ORDERING INFORMATION
INPUT VOLTAGE
OUTPUT CONFIGURATION
PART NUMBER
3 to 30 VAC/DC
Normally Open, 25 A
SNC-R2025-507
7 to 140 VAC
Normally Open, 25 A
SNC-R2025-501
3 to 30 VAC/DC
Normally Closed, 25 A
SNC-R2025-517
7 to 140 VAC
Normally Closed, 25 A
SNC-R2025-511
ACCESSORY
PART NUMBER
Heatsink, .9 °C/W, supplied with Thermal Compound and Mounting Hardware
ASY-HS25A-011
SPECIFICATIONS
ALL MODELS
Max. Load Current*: 25 A
Max. Peak Transient Voltage: 600 Vpk
Output Voltage Range: 48-300 VAC
Max. Off State Leakage Current: 7.2 mA at
300 VAC (RMS)
Operating Temp. Range: -40 to 80 °C
Storage Temp. Range: -40 to 65 °C
Dielectric Strength at 60 Hz
Between Input/Output: 4000 VAC (RMS)
Between Input/Base: 2500 VAC (RMS)
Between Output/Base: 2500 VAC (RMS)
Max. Surge Current: 370 arms, 8.3 ms
Min. Off State dV/dt (static): 500 V/µS
Thermal Resistance Junction to Case
(Point A): 1.3°C/W Tj max.=110 °C
Turn On Type: Random
SNC-R2025-507 AND SNC-R2025-517
Max. On State Voltage Drop:1.5 VAC (RMS)
Input Impedance: 1700 ohms ±5%
Turn Off Voltage: 2 VAC/DC min.
Turn On Voltage: 3 VAC/DC max.
Output Form:
SNC-R2025-507: SPST-NO
SNC-R2025-517: SPST-NC
Control Voltage Range: 3-30 VAC/DC
SNC-R2025-501 AND SNC-R2025-511
Max. On State Voltage Drop: 1.65 VAC (RMS)
Input Impedance: 56 Kohms ±5%
Turn Off Voltage: 30 VAC/DC min.
Turn On Voltage: 70 VAC/DC max.
Output Form:
SNC-R2025-501: SPST-NO
SNC-R2025-511: SPST-NC
Control Voltage Range: 70-140 VAC/DC
* See derating curves for proper heat sink requirements
POINTA
1.10
1.75
.53
1.00
(44.5)
(27.9)
(13.5)
(25.4)
.50
.55
.77
1.0 MAX
MOUNTING SURFACE
#8-32
2 PLCS
#6-32
2 PLCS
.187 DIA.
2 PLCS
.25R
2 PLCS
.12
(25.4)
24-330 VAC
INPUT
SOLID STATE
3-32 VDC
OUTPUT
SNC-R2040-502
(-)
Corporation
National Controls
4
LINE
1
3 (+)
MODEL No:
RELAY
2
LOAD
40 AMP WITH HEATSINK
NORMALLY OPEN
R
POINT A
8-32 THRD
WITH SADDLE
CLAMP
6-32 THRD
W/ SADDLE
CLAMP


Similar Part No. - SNC-R2025-517

ManufacturerPart #DatasheetDescription
logo
Eravant
SNC-1832731515-KFKF-I7 ERAVANT-SNC-1832731515-KFKF-I7 Datasheet
260Kb / 3P
Full K Band Coax Isolator, 1.5 dB Insertion Loss, 15 dB Isolation
Rev. 1.1
SNC-1832731515-SFSF-I7 ERAVANT-SNC-1832731515-SFSF-I7 Datasheet
360Kb / 3P
Full K Band Coax Isolator, 1.5 dB Insertion Loss, 15 dB Isolation
Rev 1.1
SNC-1832731614-KFKFKF-C7 ERAVANT-SNC-1832731614-KFKFKF-C7 Datasheet
334Kb / 3P
Full K Band Coax Circulator, 1.6 dB Insertion Loss, 14 dB Isolation
Rev. 1.0
SNC-1832731614-SFSFSF-C7 ERAVANT-SNC-1832731614-SFSFSF-C7 Datasheet
310Kb / 3P
Full K Band Coax Circulator, 1.6 dB Insertion Loss, 14 dB Isolation
Rev 1.0
SNC-2233331515-KFKFKF-C7 ERAVANT-SNC-2233331515-KFKFKF-C7 Datasheet
325Kb / 3P
Full Band Coax Circulator, 1.6 dB Insertion Loss, 14 dB Isolation
Rev 1.0
More results

Similar Description - SNC-R2025-517

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
Solid-State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
Solid State Relays
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
Solid-state relays
logo
Omron Electronics LLC
G3PH OMRON-G3PH Datasheet
1Mb / 12P
High-power Solid State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com