Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC-R2025-517 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SNC-R2025-517
Description  Solid State Power Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SNC-R2025-517 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SNC-R2025-517 Datasheet HTML 1Page - List of Unclassifed Manufacturers SNC-R2025-517 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5-3
AMETEK National Controls Corp. • 1725 Western Drive • West Chicago, Illinois 60185 • Tel: 800-323-2593 • 630-231-5900 • FAX: 630-231-1377 • www.nationalcontrols.com
SOLID STATE RELAYS
.312 TYP
2.375
4.75
3.935
2.155
.40 TYP
4.312
2.156
5
10
15
20
25
40
60
80
Load Current (amps RMS 60Hz)
20
15
10
5
70
60
50
40
30
20
80
25
Ambient Temp. (C)
NO HEAT
SINK (FREE
AIR)
15"x1
5"(45
0 sq.
in.)
HEAT
SIN
K
0
0
20
10"x10"(200
sq.
in.) HEAT
SINK
6"x6
"(72
sq.
in.)
HEAT
SINK
0
Heat Sink Data
Heat sinks for derating curves are 1/8” thick
aluminum with thermal compound between
the mounting surface and solid state relay
mounting plate.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com