Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-310 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # DS-310
Description  Flatpack Four-Way Power Divider
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS-310 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  DS-310 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DS-310 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Flatpack Four-Way Power Divider,
0.2 - 300 MHz
Rev. V4
DS-310
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Insertion Loss: 0.5 dB Typical
• VSWR: 1.1:1 Typical Miband
• Impedance: 50 Ohms Nominal
• Maximum Power Rating or Input Power: 1 Watt Max.
• Internal Load Dissipation: 50 Watts Max.
• MIL-STD-883 Screening Available
Description
A Power Divider is ideally a lossless reciprocal
device which can also perform vector summation of two
or more signals and thus is sometimes called a power
combiner or summer.
FP-5
Pin Configuration
Electrical Specifications
1: T
A = -55°C to +85°C
Pin No.
Function
Pin No.
Function
1
GND
8
Output
2
None
9
GND
3
None
10
Output
4
Input
11
GND
5
GND
12
Output
6
None
13
GND
7
GND
14
Output
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
Less Coupling
0.3 - 0.5 MHz
0.5 - 100 MHz
100 - 300 MHz
dB
dB
dB
1.0
0.5
1.0
Isolation
0.3 - 0.5 MHz
0.5 - 100 MHz
100 - 300 MHz
dB
dB
dB
20
25
15
Amplitude Balance
0.3 - 0.5 MHz
0.5 - 100 MHz
100 - 300 MHz
dB
dB
dB
0.2
0.2
0.4
Phase Balance
0.3 - 0.5 MHz
0.5 - 100 MHz
100 - 300 MHz
°
°
°
1.5
4.0
6.0
VSWR
All Ports
0.3 - 0.5 MHz
0.5 - 100 MHz
100 - 300 MHz
Ratio
Ratio
Ratio
2.0:1
1.3:1
1.4:1
1. All specifications apply with 50 ohm source and load impedance.
This product contains elements protected by United States Patent Number 3,428,920.


Similar Part No. - DS-310

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-310 MACOM-DS-310 Datasheet
128Kb / 1P
Flatpack Four-Way Power Divider 0.2 - 300 MHz
logo
M/A-COM Technology Solu...
DS-310 MA-COM-DS-310 Datasheet
64Kb / 2P
Flatpack Four-Way Power Divider, 0.2 - 300 MHz
logo
Tyco Electronics
DS-310PIN MACOM-DS-310PIN Datasheet
128Kb / 1P
Flatpack Four-Way Power Divider 0.2 - 300 MHz
logo
M/A-COM Technology Solu...
DS-310PIN MA-COM-DS-310PIN Datasheet
64Kb / 2P
Flatpack Four-Way Power Divider, 0.2 - 300 MHz
More results

Similar Description - DS-310

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-310 MACOM-DS-310 Datasheet
128Kb / 1P
Flatpack Four-Way Power Divider 0.2 - 300 MHz
DS-324 MACOM-DS-324 Datasheet
90Kb / 1P
Flatpack Four-Way Power Divider 25 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-310 MA-COM-DS-310 Datasheet
64Kb / 2P
Flatpack Four-Way Power Divider, 0.2 - 300 MHz
DS-324 MA-COM-DS-324 Datasheet
63Kb / 2P
Flatpack Four-Way Power Divider, 25 - 1000 MHz
DS-4-4 MA-COM-DS-4-4 Datasheet
72Kb / 2P
Broadband Four -Way Power Divider
DS-112-DS-312 MA-COM-DS-112-DS-312 Datasheet
94Kb / 3P
Four-Way Power Divider
DS-323 MA-COM-DS-323 Datasheet
62Kb / 2P
Flatpack Three-Way Power Divider
DS-324 MA-COM-DS-324 Datasheet
155Kb / 2P
Flatpack Four-Way Power Divider
DS-327 MA-COM-DS-327 Datasheet
49Kb / 2P
Flatpack Two-Way Power Divider
DS-409-4 MA-COM-DS-409-4 Datasheet
77Kb / 2P
Four -Way Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com