Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5191 Datasheet(PDF) 5 Page - NEC

Part # 2SC5191
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5191 Datasheet(HTML) 5 Page - NEC

  2SC5191 Datasheet HTML 1Page - NEC 2SC5191 Datasheet HTML 2Page - NEC 2SC5191 Datasheet HTML 3Page - NEC 2SC5191 Datasheet HTML 4Page - NEC 2SC5191 Datasheet HTML 5Page - NEC 2SC5191 Datasheet HTML 6Page - NEC 2SC5191 Datasheet HTML 7Page - NEC 2SC5191 Datasheet HTML 8Page - NEC 2SC5191 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
2SC5191
S-PARAMETERS
VCE = 1 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.969
0.923
0.868
0.831
0.762
0.715
0.678
0.645
0.617
0.600
0.586
0.559
0.556
0.551
0.532
0.553
0.552
0.548
0.537
0.552
−17.1
−34.8
−51.0
−65.4
−79.3
−91.0
−103.8
−113.9
−124.9
−134.1
−141.8
−150.3
−158.1
−166.4
−171.2
−177.8
176.8
170.0
164.3
160.5
3.342
3.220
3.032
2.785
2.592
2.355
2.190
2.020
1.849
1.759
1.638
1.530
1.459
1.379
1.288
1.237
1.206
1.145
1.058
1.051
165.9
152.2
139.4
128.8
118.8
109.3
100.6
94.1
86.6
80.4
75.2
70.0
65.1
61.2
56.1
53.3
50.2
46.7
43.5
41.2
0.058
0.099
0.141
0.167
0.186
0.202
0.210
0.219
0.216
0.226
0.220
0.223
0.213
0.216
0.207
0.209
0.214
0.204
0.199
0.209
80.2
71.6
61.0
49.6
45.7
37.4
34.9
30.8
26.8
23.6
25.1
23.0
24.1
26.2
24.3
25.5
26.9
29.2
30.8
31.8
0.990
0.948
0.877
0.821
0.766
0.710
0.664
0.629
0.599
0.573
0.546
0.514
0.513
0.495
0.481
0.477
0.468
0.470
0.470
0.442
−9.6
−17.9
−26.0
−33.3
−38.6
−42.5
−46.5
−50.1
−54.8
−56.2
−60.1
−60.4
−64.9
−66.4
−69.4
−72.0
−75.2
−78.4
−80.9
−84.6
VCE = 1 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.878
0.795
0.692
0.612
0.553
0.511
0.477
0.449
0.443
0.427
0.430
0.414
0.409
0.421
0.397
0.430
0.415
0.446
0.414
0.432
−27.3
−52.6
−73.3
−90.3
−105.9
−117.9
−130.1
−139.3
−149.3
−158.0
−165.7
−171.7
−178.9
177.0
170.0
165.1
161.5
155.0
150.3
147.2
8.524
7.536
6.465
5.488
4.763
4.142
3.673
3.273
2.951
2.727
2.524
2.338
2.194
2.072
1.924
1.823
1.753
1.641
1.561
1.523
158.6
140.5
125.8
115.3
106.3
98.5
92.1
86.6
81.4
76.5
72.4
68.5
64.4
61.3
57.3
55.2
52.2
48.9
46.7
44.6
0.042
0.086
0.113
0.123
0.143
0.153
0.156
0.164
0.166
0.185
0.183
0.196
0.205
0.211
0.221
0.228
0.242
0.252
0.261
0.268
70.2
63.9
52.7
47.8
44.7
43.8
42.1
40.8
42.2
41.3
40.8
42.5
42.9
42.6
41.8
41.2
43.4
44.0
42.6
42.8
0.931
0.840
0.708
0.602
0.535
0.479
0.422
0.386
0.362
0.337
0.318
0.287
0.295
0.277
0.264
0.258
0.257
0.242
0.239
0.227
−17.4
−32.4
−43.3
−51.1
−56.7
−61.1
−64.5
−67.9
−70.5
−73.2
−75.0
−79.0
−81.7
−83.9
−86.1
−87.3
−94.1
−96.0
−95.3
−103.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com