Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5191 Datasheet(PDF) 1 Page - NEC

Part # 2SC5191
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5191 Datasheet(HTML) 1 Page - NEC

  2SC5191 Datasheet HTML 1Page - NEC 2SC5191 Datasheet HTML 2Page - NEC 2SC5191 Datasheet HTML 3Page - NEC 2SC5191 Datasheet HTML 4Page - NEC 2SC5191 Datasheet HTML 5Page - NEC 2SC5191 Datasheet HTML 6Page - NEC 2SC5191 Datasheet HTML 7Page - NEC 2SC5191 Datasheet HTML 8Page - NEC 2SC5191 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SILICON TRANSISTOR
2SC5191
MICROWAVE LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
DATA SHEET
Document No. P10395EJ2V1DS00 (2nd edition)
Date Published March 1997 N
Printed in Japan
1994
©
FEATURES
• Low Voltage Operation, Low Phase Distortion
• Low Noise
NF = 1.5 dB TYP. @ VCE = 3 V, IC = 7 mA, f = 2 GHz
NF = 1.7 dB TYP. @ VCE = 1 V, IC = 3 mA, f = 2 GHz
• Large Absolute Maximum Collector Current
IC = 100 mA
• Mini Mold Package
EIAJ: SC-59
ORDERING INFORMATION
PART
NUMBER
QUANTITY
PACKING STYLE
2SC5191-T1
3 Kpcs/Reel
Embossed tape 8 mm wide.
Pin 3 (collector) face to perforation side of the tape.
2SC5191-T2
3 Kpcs/Reel
Embossed tape 8 mm wide.
Pin 1 (Emitter), Pin 2 (Base) face to perforation side
of the tape.
Remark
If you require an evaluation sample, please contact an NEC
Sales Representative. (Unit sample quantity is 50 pcs.)
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
9V
Collector to Emitter Voltage
VCEO
6V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
100
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
This device uses radio frequency technology. Take due precautions to protect it from excessive input levels such as static electricity.
PIN CONNECTIONS
1.
2.
3.
Emitter
Base
Collector
PACKAGE DRAWINGS
(Unit: mm)
2.8±0.2
0.65
1.5
3
1
Marking
2
+0.1
−0.15


Similar Part No. - 2SC5191

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5191 ISC-2SC5191 Datasheet
195Kb / 14P
Low Voltage Operation ,Low Phase Distortion
logo
Renesas Technology Corp
2SC5191 RENESAS-2SC5191 Datasheet
219Kb / 9P
NPN SILICON RF TRANSISTOR
2004
2SC5191-T1B RENESAS-2SC5191-T1B Datasheet
219Kb / 9P
NPN SILICON RF TRANSISTOR
2004
More results

Similar Description - 2SC5191

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2148 NEC-2SC2148 Datasheet
52Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
2SC3582 NEC-2SC3582 Datasheet
99Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4536 NEC-2SC4536 Datasheet
60Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC5195 NEC-2SC5195 Datasheet
63Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC3583 RENESAS-2SC3583 Datasheet
321Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4094 RENESAS-2SC4094 Datasheet
323Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4095 RENESAS-2SC4095 Datasheet
329Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Leshan Radio Company
L2SC3357 LRC-L2SC3357 Datasheet
309Kb / 2P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC2148 RENESAS-2SC2148 Datasheet
180Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
August 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com