Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5191 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC5191 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC5191
Download  2SC5191 Download
File Size   195.27 Kbytes
Page   14 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Voltage Operation ,Low Phase Distortion

2SC5191 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5191 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC5191
Download  2SC5191 Click to download

File Size   195.27 Kbytes
Page   14 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Voltage Operation ,Low Phase Distortion

2SC5191 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SC5191 Product details

DESCRIPTION
• Low Voltage Operation ,Low Phase Distortion
• Low Noise
   NF = 1.5 dB TYP. @VCE = 3 V, IC = 7 mA, f = 2 GHz
   NF = 1.7 dB TYP. @VCE = 1 V, IC = 3 mA, f = 2 GHz
• Large Absolute Maximum Collector Current
   IC = 100 mA

APPLICATIONS
• Designed for use in low-noise and small signal amplifiers
   from VHF ~ UHF band.




Similar Part No. - 2SC5191

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5191 NEC-2SC5191 Datasheet
57Kb / 12P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC5191 RENESAS-2SC5191 Datasheet
219Kb / 9P
NPN SILICON RF TRANSISTOR
2004
logo
NEC
2SC5191-T1 NEC-2SC5191-T1 Datasheet
57Kb / 12P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC5191-T1B RENESAS-2SC5191-T1B Datasheet
219Kb / 9P
NPN SILICON RF TRANSISTOR
2004
logo
NEC
2SC5191-T2 NEC-2SC5191-T2 Datasheet
57Kb / 12P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results


Similar Description - 2SC5191

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
750MHz, Low Distortion 750MHz, Low Distortion
November 1998
logo
Advanced Monolithic Sys...
AMS431 AMS-AMS431 Datasheet
599Kb / 8P
Low voltage operation (2.5V)
logo
Hamamatsu Corporation
S10317_ETC_KPIC1067E04 HAMAMATSU-S10317_ETC_KPIC1067E04 Datasheet
368Kb / 5P
Low voltage operation
logo
CML Microcircuits
DB829 CMLMICRO-DB829 Datasheet
284Kb / 29P
Low Voltage Operation
logo
Infineon Technologies A...
BFR360L3 INFINEON-BFR360L3_13 Datasheet
611Kb / 8P
Low voltage/ Low current operation
2013-09-03
logo
Seiko Instruments Inc
S-5712ANDL0-M3T1U SII-S-5712ANDL0-M3T1U Datasheet
1Mb / 30P
LOW VOLTAGE OPERATION
logo
Hotchip Technology Co.,...
HT5115 HOTCHIP-HT5115 Datasheet
757Kb / 4P
Low voltage operation
HT5125F HOTCHIP-HT5125F Datasheet
856Kb / 5P
Low voltage operation
logo
Shenzhen Huazhimei Semi...
HM24C128 HMSEMI-HM24C128 Datasheet
584Kb / 15P
Low-voltage Operation
logo
Maxim Integrated Produc...
MAX1198EVKIT MAXIM-MAX1198EVKIT Datasheet
516Kb / 10P
Low-Voltage and Low-Power Operation
Rev 0; 8/02
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com