Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5191 Datasheet(PDF) 6 Page - Inchange Semiconductor Company Limited

Part # 2SC5191
Description  Low Voltage Operation ,Low Phase Distortion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5191 Datasheet(HTML) 6 Page - Inchange Semiconductor Company Limited

Back Button 2SC5191 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 9Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 10Page - Inchange Semiconductor Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
6
isc Silicon NPN RF Transistor
2SC5191
VCE = 1 V, IC = 3 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.878
-27.3
8.524
158.6
0.042
70.2
0.931
-17.4
200
0.795
-52.6
7.536
140.5
0.086
63.9
0.840
-32.4
300
0.692
-73.3
6.465
125.8
0.113
52.7
0.708
-43.3
400
0.612
-90.3
5.488
115.3
0.123
47.8
0.602
-51.1
500
0.553
-105.9
4.763
106.3
0.143
44.7
0.535
-56.7
600
0.511
-117.9
4.142
98.5
0.153
43.8
0.479
-61.1
700
0.477
-130.1
3.673
92.1
0.156
42.1
0.422
-64.5
800
0.449
-139.3
3.273
86.6
0.164
40.8
0.386
-67.9
900
0.443
-149.3
2.951
81.4
0.166
42.2
0.362
-70.5
1000
0.427
-158.0
2.727
76.5
0.185
41.3
0.337
-73.2
1100
0.430
-165.7
2.524
72.4
0.183
40.8
0.318
-75.0
1200
0.414
-171.7
2.338
68.5
0.196
42.5
0.287
-79.0
1300
0.409
-178.9
2.194
64.4
0.205
42.9
0.295
-81.7
1400
0.421
177.0
2.072
61.3
0.211
42.6
0.277
-83.9
1500
0.397
170.0
1.924
57.3
0.221
41.8
0.264
-86.1
1600
0.430
165.1
1.823
55.2
0.228
41.2
0.258
-87.3
1700
0.415
161.5
1.753
52.2
0.242
43.4
0.257
-94.1
1800
0.446
155.0
1.641
48.9
0.252
44.0
0.242
-96.0
1900
0.414
150.3
1.561
46.7
0.261
42.6
0.239
-95.3
2000
0.432
147.2
1.523
44.6
0.268
42.8
0.227
-103.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com