Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5191 Datasheet(PDF) 9 Page - Inchange Semiconductor Company Limited

Part # 2SC5191
Description  Low Voltage Operation ,Low Phase Distortion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5191 Datasheet(HTML) 9 Page - Inchange Semiconductor Company Limited

Back Button 2SC5191 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 9Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 10Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 11Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 12Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 13Page - Inchange Semiconductor Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
INCHANGE Semiconductor
isc RF Product Specification
9
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC5191
VCE = 1 V, IC = 10 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.709
-49.2
17.593
143.9
0.046
65.1
0.813
-35.5
200
0.559
-84.3
12.812
122.2
0.062
62.1
0.599
-55.4
300
0.453
-107.2
9.641
108.9
0.078
52.2
0.458
-68.8
400
0.402
-124.4
7.603
100.7
0.099
55.9
0.354
-78.2
500
0.380
-139.0
6.276
93.8
0.108
52.3
0.308
-84.6
600
0.354
-149.7
5.297
88.3
0.122
55.0
0.254
-88.0
700
0.346
-160.7
4.604
83.8
0.140
56.0
0.232
-93.3
800
0.334
-168.4
4.044
79.8
0.145
57.5
0.208
-98.3
900
0.356
-175.4
3.614
75.9
0.163
55.1
0.202
-102.5
1000
0.346
176.7
3.290
72.1
0.173
54.1
0.177
-107.7
1100
0.353
171.9
3.049
69.0
0.191
53.3
0.167
-110.5
1200
0.360
166.4
2.806
65.7
0.201
54.7
0.157
-116.5
1300
0.351
161.2
2.610
62.6
0.218
53.0
0.161
-120.6
1400
0.361
156.0
2.434
60.1
0.240
53.4
0.150
-128.5
1500
0.351
150.0
2.296
57.6
0.255
50.8
0.140
-131.4
1600
0.378
149.4
2.154
55.4
0.269
52.3
0.160
-137.6
1700
0.356
146.5
2.090
52.4
0.279
50.8
0.166
-136.0
1800
0.386
141.6
1.942
50.7
0.295
49.8
0.139
-138.1
1900
0.379
139.0
1.844
47.8
0.297
48.5
0.143
-138.2
2000
0.404
135.6
1.787
45.7
0.309
47.5
0.148
-148.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com