Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5191 Datasheet(PDF) 7 Page - Inchange Semiconductor Company Limited

Part # 2SC5191
Description  Low Voltage Operation ,Low Phase Distortion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5191 Datasheet(HTML) 7 Page - Inchange Semiconductor Company Limited

Back Button 2SC5191 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 9Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 10Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 11Page - Inchange Semiconductor Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
INCHANGE Semiconductor
isc RF Product Specification
7
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC5191
VCE = 1 V, IC = 5 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.828
-34.9
12.029
153.2
0.047
72.5
0.896
-23.8
200
0.698
-64.4
9.922
133.0
0.076
59.6
0.750
-41.2
300
0.586
-86.5
8.024
118.3
0.100
52.5
0.602
-53.1
400
0.513
-103.4
6.568
108.6
0.111
49.5
0.488
-61.1
500
0.461
-118.7
5.561
100.5
0.121
48.7
0.428
-66.7
600
0.423
-132.0
4.754
93.8
0.129
46.9
0.363
-71.2
700
0.409
-143.3
4.178
88.3
0.147
49.8
0.330
-74.3
800
0.379
-152.0
3.699
83.5
0.156
47.9
0.299
-77.4
900
0.396
-160.6
3.317
78.8
0.162
47.2
0.275
-82.9
1000
0.380
-169.2
3.040
74.6
0.178
48.4
0.260
-84.9
1100
0.386
-175.8
2.810
70.8
0.185
49.2
0.237
-87.8
1200
0.379
177.9
2.596
67.4
0.200
48.0
0.222
-90.4
1300
0.374
172.3
2.412
63.9
0.208
48.2
0.224
-95.8
1400
0.385
167.2
2.269
60.9
0.216
47.4
0.203
-97.8
1500
0.366
162.1
2.136
57.4
0.233
46.8
0.197
-101.8
1600
0.394
157.6
1.994
55.6
0.247
47.5
0.189
-105.4
1700
0.387
154.4
1.940
52.4
0.253
48.2
0.200
-107.6
1800
0.401
149.9
1.822
50.2
0.265
46.1
0.186
-112.3
1900
0.394
143.8
1.705
47.1
0.276
47.1
0.181
-108.8
2000
0.413
142.2
1.661
45.5
0.294
46.2
0.183
-122.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com