Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5191 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC5191
Description  Low Voltage Operation ,Low Phase Distortion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5191 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC5191 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 9Page - Inchange Semiconductor Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
INCHANGE Semiconductor
isc RF Product Specification
5
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC5191
S-PARAMETER
VCE = 1 V, IC = 1 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.969
-17.1
3.342
165.9
0.058
80.2
0.990
-9.6
200
0.923
-34.8
3.220
152.2
0.099
71.6
0.948
-17.9
300
0.868
-51.0
3.032
139.4
0.141
61.0
0.877
-26.0
400
0.831
-65.4
2.785
128.8
0.167
49.6
0.821
-33.3
500
0.762
-79.3
2.592
118.8
0.186
45.7
0.766
-38.6
600
0.715
-91.0
2.355
109.3
0.202
37.4
0.710
-42.5
700
0.678
-103.8
2.190
100.6
0.210
34.9
0.664
-46.5
800
0.645
-113.9
2.020
94.1
0.219
30.8
0.629
-50.1
900
0.617
-124.9
1.849
86.6
0.216
26.8
0.599
-54.8
1000
0.600
-134.1
1.759
80.4
0.226
23.6
0.573
-56.2
1100
0.586
-141.8
1.638
75.2
0.220
25.1
0.546
-60.1
1200
0.559
-150.3
1.530
70.0
0.223
23.0
0.514
-60.4
1300
0.556
-158.1
1.459
65.1
0.213
24.1
0.513
-64.9
1400
0.551
-166.4
1.379
61.2
0.216
26.2
0.495
-66.4
1500
0.532
-171.2
1.288
56.1
0.207
24.3
0.481
-69.4
1600
0.553
-177.8
1.237
53.3
0.209
25.5
0.477
-72.0
1700
0.552
176.8
1.206
50.2
0.214
26.9
0.468
-75.2
1800
0.548
170.0
1.145
46.7
0.204
29.2
0.470
-78.4
1900
0.537
164.3
1.058
43.5
0.199
30.8
0.470
-80.9
2000
0.552
160.5
1.051
41.2
0.209
31.8
0.442
-84.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com