Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5191 Datasheet(PDF) 11 Page - Inchange Semiconductor Company Limited

Part # 2SC5191
Description  Low Voltage Operation ,Low Phase Distortion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5191 Datasheet(HTML) 11 Page - Inchange Semiconductor Company Limited

Back Button 2SC5191 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 9Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 10Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 11Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 12Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 13Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 14Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
INCHANGE Semiconductor
isc RF Product Specification
11
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC5191
VCE = 3 V, IC = 3 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.896
-23.6
8.711
160.8
0.040
74.9
0.949
-13.8
200
0.812
-45.2
7.884
144.2
0.071
66.3
0.877
-24.9
300
0.715
-63.9
6.914
130.2
0.092
59.1
0.757
-34.5
400
0.636
-79.4
5.959
119.9
0.103
51.9
0.673
-40.1
500
0.566
-92.8
5.241
111.0
0.116
48.4
0.609
-44.6
600
0.516
-104.7
4.591
103.1
0.124
45.4
0.546
-47.4
700
0.464
-117.5
4.116
96.5
0.131
42.4
0.499
-50.0
800
0.428
-127.4
3.676
91.1
0.149
44.5
0.465
-52.8
900
0.427
-138.6
3.330
85.4
0.144
44.9
0.433
-55.1
1000
0.389
-147.0
3.073
81.1
0.155
45.7
0.420
-55.8
1100
0.384
-154.9
2.843
76.8
0.162
45.7
0.389
-57.5
1200
0.380
-162.2
2.638
72.7
0.168
46.5
0.363
-57.4
1300
0.364
-170.0
2.470
68.8
0.176
47.0
0.367
-60.1
1400
0.378
-177.8
2.325
65.7
0.191
49.7
0.360
-62.3
1500
0.361
178.3
2.162
61.6
0.190
46.6
0.333
-64.2
1600
0.382
172.1
2.045
59.6
0.203
47.2
0.320
-65.9
1700
0.371
169.0
1.973
56.6
0.210
49.3
0.328
-70.4
1800
0.386
162.2
1.854
53.8
0.217
48.5
0.311
-72.5
1900
0.373
156.8
1.749
50.6
0.230
50.1
0.321
-73.1
2000
0.387
153.1
1.703
48.6
0.236
50.1
0.299
-75.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com