Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5191 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC5191
Description  Low Voltage Operation ,Low Phase Distortion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5191 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC5191 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 9Page - Inchange Semiconductor Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN RF Transistor
2SC5191
DESCRIPTION
·
Low Voltage Operation ,Low Phase Distortion
·
Low Noise
NF = 1.5 dB TYP. @VCE = 3 V, IC = 7 mA, f = 2 GHz
NF = 1.7 dB TYP. @VCE = 1 V, IC = 3 mA, f = 2 GHz
·
Large Absolute Maximum Collector Current
IC = 100 mA
APPLICATIONS
·
Designed for use in low-noise and small signal amplifiers
from VHF ~ UHF band.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
9
V
VCEO
Collector-Emitter Voltage
6
V
VEBO
Emitter-Base Voltage
2
V
IC
Collector Current-Continuous
100
mA
PC
Collector Power Dissipation
@TC=25℃
0.2
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150


Similar Part No. - 2SC5191

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5191 NEC-2SC5191 Datasheet
57Kb / 12P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC5191 RENESAS-2SC5191 Datasheet
219Kb / 9P
NPN SILICON RF TRANSISTOR
2004
logo
NEC
2SC5191-T1 NEC-2SC5191-T1 Datasheet
57Kb / 12P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC5191-T1B RENESAS-2SC5191-T1B Datasheet
219Kb / 9P
NPN SILICON RF TRANSISTOR
2004
logo
NEC
2SC5191-T2 NEC-2SC5191-T2 Datasheet
57Kb / 12P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - 2SC5191

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
750MHz, Low Distortion 750MHz, Low Distortion
November 1998
logo
Advanced Monolithic Sys...
AMS431 AMS-AMS431 Datasheet
599Kb / 8P
Low voltage operation (2.5V)
logo
Hamamatsu Corporation
S10317_ETC_KPIC1067E04 HAMAMATSU-S10317_ETC_KPIC1067E04 Datasheet
368Kb / 5P
Low voltage operation
logo
CML Microcircuits
DB829 CMLMICRO-DB829 Datasheet
284Kb / 29P
Low Voltage Operation
logo
Infineon Technologies A...
BFR360L3 INFINEON-BFR360L3_13 Datasheet
611Kb / 8P
Low voltage/ Low current operation
2013-09-03
logo
Seiko Instruments Inc
S-5712ANDL0-M3T1U SII-S-5712ANDL0-M3T1U Datasheet
1Mb / 30P
LOW VOLTAGE OPERATION
logo
Hotchip Technology Co.,...
HT5115 HOTCHIP-HT5115 Datasheet
757Kb / 4P
Low voltage operation
HT5125F HOTCHIP-HT5125F Datasheet
856Kb / 5P
Low voltage operation
logo
Shenzhen Huazhimei Semi...
HM24C128 HMSEMI-HM24C128 Datasheet
584Kb / 15P
Low-voltage Operation
logo
Maxim Integrated Produc...
MAX1198EVKIT MAXIM-MAX1198EVKIT Datasheet
516Kb / 10P
Low-Voltage and Low-Power Operation
Rev 0; 8/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com