Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5191 Datasheet(PDF) 12 Page - Inchange Semiconductor Company Limited

Part # 2SC5191
Description  Low Voltage Operation ,Low Phase Distortion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5191 Datasheet(HTML) 12 Page - Inchange Semiconductor Company Limited

Back Button 2SC5191 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 9Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 10Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 11Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 12Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 13Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 14Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
12
isc Silicon NPN RF Transistor
2SC5191
VCE = 3 V, IC = 5 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.847
-29.5
12.405
156.1
0.040
66.7
0.922
-18.5
200
0.718
-54.0
10.551
137.2
0.064
65.1
0.805
-31.9
300
0.607
-74.5
8.790
122.8
0.083
59.2
0.662
-41.3
400
0.525
-89.4
7.304
113.1
0.097
53.0
0.566
-47.1
500
0.454
-103.9
6.251
104.8
0.102
51.9
0.494
-50.6
600
0.402
-115.9
5.383
97.9
0.115
51.6
0.445
-52.2
700
0.379
-127.6
4.744
92.2
0.124
53.4
0.401
-55.5
800
0.349
-137.8
4.216
87.5
0.127
51.1
0.377
-56.2
900
0.347
-148.2
3.784
82.7
0.145
52.8
0.348
-59.2
1000
0.318
-155.9
3.477
78.6
0.157
53.3
0.326
-59.1
1100
0.323
-163.8
3.202
75.0
0.162
52.3
0.293
-63.5
1200
0.320
-171.7
2.963
71.4
0.175
52.8
0.288
-63.2
1300
0.313
-177.4
2.751
67.9
0.191
53.5
0.294
-66.9
1400
0.320
175.0
2.589
65.1
0.192
50.9
0.281
-68.0
1500
0.305
169.8
2.421
61.2
0.195
51.4
0.263
-68.7
1600
0.327
163.6
2.276
59.4
0.210
53.1
0.245
-71.4
1700
0.308
162.5
2.203
56.8
0.226
51.8
0.248
-75.4
1800
0.341
156.8
2.069
53.9
0.230
51.2
0.236
-76.9
1900
0.327
148.3
1.951
51.1
0.239
51.3
0.241
-78.1
2000
0.333
147.6
1.891
49.4
0.254
50.4
0.226
-83.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com