Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5191 Datasheet(PDF) 13 Page - Inchange Semiconductor Company Limited

Part # 2SC5191
Description  Low Voltage Operation ,Low Phase Distortion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5191 Datasheet(HTML) 13 Page - Inchange Semiconductor Company Limited

Back Button 2SC5191 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 9Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 10Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 11Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 12Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 13Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 14Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
INCHANGE Semiconductor
isc RF Product Specification
13
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC5191
VCE = 3 V, IC = 7 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.780
-33.5
15.604
151.8
0.034
75.0
0.889
-22.4
200
0.639
-61.9
12.605
131.6
0.059
62.9
0.738
-37.1
300
0.520
-82.6
10.059
117.5
0.080
59.3
0.580
-46.6
400
0.442
-97.6
8.162
108.4
0.085
56.6
0.494
-52.5
500
0.382
-112.6
6.855
100.9
0.098
55.7
0.427
-54.4
600
0.346
-124.7
5.848
94.6
0.108
56.5
0.373
-55.5
700
0.318
-136.6
5.125
89.5
0.118
57.5
0.344
-58.1
800
0.295
-144.5
4.525
85.3
0.131
57.5
0.314
-60.2
900
0.297
-156.6
4.059
80.8
0.134
55.0
0.290
-63.1
1000
0.282
-164.9
3.730
77.0
0.153
56.6
0.284
-62.8
1100
0.285
-170.0
3.414
73.7
0.164
58.3
0.269
-64.7
1200
0.279
-177.0
3.152
70.5
0.178
56.0
0.247
-67.7
1300
0.269
176.0
2.945
67.1
0.188
55.8
0.234
-70.3
1400
0.295
169.7
2.762
64.6
0.204
57.0
0.224
-70.8
1500
0.278
163.5
2.572
61.2
0.213
54.7
0.222
-73.1
1600
0.297
161.3
2.427
59.6
0.225
53.1
0.225
-74.4
1700
0.281
156.8
2.331
56.8
0.240
53.9
0.212
-82.0
1800
0.318
151.6
2.194
54.5
0.247
52.9
0.198
82.6
1900
0.293
144.1
2.073
51.3
0.263
52.6
0.210
-82.6
2000
0.307
144.2
2.009
49.7
0.266
51.3
0.183
-89.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com