Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5191 Datasheet(PDF) 10 Page - Inchange Semiconductor Company Limited

Part # 2SC5191
Description  Low Voltage Operation ,Low Phase Distortion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5191 Datasheet(HTML) 10 Page - Inchange Semiconductor Company Limited

Back Button 2SC5191 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 9Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 10Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 11Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 12Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 13Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 14Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
10
isc Silicon NPN RF Transistor
2SC5191
VCE = 3 V, IC = 1 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.963
-15.6
3.352
167.4
0.039
69.0
0.987
-7.2
200
0.935
-31.4
3.268
155.2
0.077
70.7
0.966
-14.3
300
0.889
-45.5
3.121
143.4
0.110
63.1
0.912
-20.7
400
0.846
-59.2
2.893
133.6
0.133
52.8
0.872
-26.2
500
0.791
-71.9
2.735
124.1
0.152
50.6
0.824
-30.9
600
0.734
-83.7
2.517
115.0
0.163
43.2
0.782
-34.5
700
0.694
-96.2
2.371
106.7
0.156
39.1
0.737
-38.5
800
0.668
-105.7
2.182
99.9
0.184
35.4
0.689
-40.8
900
0.633
-117.2
2.022
92.6
0.183
33.0
0.660
-45.4
1000
0.611
-127.2
1.927
86.7
0.181
32.4
0.648
-46.8
1100
0.597
-135.2
1.796
81.0
0.183
30.1
0.610
-48.9
1200
0.564
-143.3
1.681
76.1
0.171
29.2
0.590
-50.7
1300
0.544
-151.2
1.601
71.1
0.180
29.4
0.587
-53.7
1400
0.543
-159.7
1.510
66.8
0.169
29.2
0.581
-55.6
1500
0.531
-165.5
1.410
61.6
0.173
30.4
0.565
-58.4
1600
0.542
-173.1
1.336
58.9
0.172
32.6
0.552
-60.9
1700
0.535
-178.3
1.314
56.0
0.178
34.3
0.541
-63.7
1800
0.529
174.4
1.244
52.3
0.161
36.6
0.545
-66.0
1900
0.515
169.5
1.163
48.4
0.171
38.1
0.548
-68.1
2000
0.531
164.3
1.136
46.0
0.183
40.1
0.530
-71.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com