Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5191 Datasheet(PDF) 14 Page - Inchange Semiconductor Company Limited

Part # 2SC5191
Description  Low Voltage Operation ,Low Phase Distortion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5191 Datasheet(HTML) 14 Page - Inchange Semiconductor Company Limited

Back Button 2SC5191 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 9Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 10Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 11Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 12Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 13Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 14Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
14
isc Silicon NPN RF Transistor
2SC5191
VCE = 3 V, IC = 10 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.731
-39.7
18.468
148.0
0.036
64.3
0.857
-27.2
200
0.570
-68.3
14.160
127.2
0.055
62.0
0.676
-41.8
300
0.453
-88.8
10.931
113.5
0.070
57.7
0.530
-50.0
400
0.381
-104.3
8.738
105.0
0.085
59.4
0.432
-56.4
500
0.334
-119.4
7.284
98.1
0.093
58.9
0.380
-57.7
600
0.297
-131.4
6.170
92.4
0.103
60.7
0.332
-60.1
700
0.285
-145.7
5.377
87.6
0.121
57.6
0.297
-61.5
800
0.254
-151.0
4.738
83.8
0.133
61.4
0.278
-62.8
900
0.274
-161.8
4.232
79.8
0.142
62.0
0.248
-65.8
1000
0.250
-169.5
3.882
76.2
0.158
60.6
0.237
-65.0
1100
0.263
-176.4
3.572
72.8
0.164
58.0
0.228
-68.8
1200
0.260
176.4
3.289
70.0
0.182
58.9
0.198
-70.3
1300
0.251
170.1
3.069
66.6
0.192
56.8
0.211
-71.3
1400
0.259
166.9
2.885
64.3
0.201
56.1
0.202
-75.4
1500
0.253
161.3
2.685
60.9
0.214
54.6
0.186
-80.0
1600
0.283
155.7
2.519
59.4
0.230
55.9
0.180
-80.6
1700
0.270
152.5
2.427
56.9
0.243
56.3
0.171
-81.9
1800
0.310
146.5
2.278
54.8
0.256
52.8
0.175
-86.6
1900
0.281
141.1
2.145
51.8
0.268
54.0
0.169
-86.4
2000
0.306
139.5
2.088
50.1
0.281
51.6
0.160
-98.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com