Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5191 Datasheet(PDF) 8 Page - Inchange Semiconductor Company Limited

Part # 2SC5191
Description  Low Voltage Operation ,Low Phase Distortion
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5191 Datasheet(HTML) 8 Page - Inchange Semiconductor Company Limited

Back Button 2SC5191 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 9Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 10Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 11Page - Inchange Semiconductor Company Limited 2SC5191 Datasheet HTML 12Page - Inchange Semiconductor Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
8
isc Silicon NPN RF Transistor
2SC5191
VCE = 1 V, IC = 7 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.765
-41.7
14.938
148.5
0.047
67.6
0.856
-29.5
200
0.621
-74.7
11.624
127.4
0.069
57.3
0.675
-49.1
300
0.514
-97.4
8.988
113.0
0.089
52.6
0.516
-61.4
400
0.450
-114.0
7.200
104.2
0.105
48.1
0.417
-69.3
500
0.417
-129.8
6.002
96.8
0.119
51.6
0.358
-75.2
600
0.382
-141.2
5.090
90.7
0.132
50.0
0.312
-77.7
700
0.370
-153.0
4.437
85.7
0.138
54.3
0.274
-81.5
800
0.352
-161.1
3.924
81.5
0.152
52.4
0.248
-88.8
900
0.368
-168.9
3.502
77.3
0.158
53.2
0.231
-92.2
1000
0.358
-177.0
3.198
73.1
0.176
53.7
0.211
-93.2
1100
0.360
177.8
2.961
70.1
0.191
52.3
0.191
-100.3
1200
0.360
171.7
2.726
66.8
0.206
53.1
0.185
-101.6
1300
0.365
165.9
2.534
63.2
0.217
52.1
0.187
-105.6
1400
0.369
160.9
2.380
60.3
0.235
51.6
0.171
-111.0
1500
0.351
155.9
2.225
57.4
0.240
50.3
0.165
-119.0
1600
0.382
153.0
2.099
55.6
0.258
50.4
0.157
-119.3
1700
0.374
150.9
2.035
52.8
0.267
50.3
0.166
-125.9
1800
0.395
145.3
1.909
50.1
0.276
47.7
0.166
-132.7
1900
0.389
140.7
1.796
48.2
0.279
48.1
0.156
-130.1
2000
0.394
137.7
1.732
46.0
0.307
45.0
0.158
-138.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com