Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2004SF28 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DS2004SF28
Description  Rectifier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS2004SF28 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DS2004SF28 Datasheet HTML 1Page - Dynex Semiconductor DS2004SF28 Datasheet HTML 2Page - Dynex Semiconductor DS2004SF28 Datasheet HTML 3Page - Dynex Semiconductor DS2004SF28 Datasheet HTML 4Page - Dynex Semiconductor DS2004SF28 Datasheet HTML 5Page - Dynex Semiconductor DS2004SF28 Datasheet HTML 6Page - Dynex Semiconductor DS2004SF28 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
www.dynexsemi.com
DS2004SF
APPLICATIONS
s Rectification
s Freewheel Diode
s DC Motor Control
s Power Supplies
s Welding
s Battery Chargers
FEATURES
s Double Side Cooling
s High Surge Capability
VOLTAGE RATINGS
ORDERING INFORMATION
When ordering, select the required part number shown in the
Voltage Ratings selection table, e.g.:
DS2004SF26
Note: Please use the complete part number when ordering
and quote this number in any future correspondance relating
to your order.
KEY PARAMETERS
V
RRM
2800V
I
F(AV)
2372A
I
FSM
31250A
DS2004SF
Rectifier Diode
Replaces September 2001 version, DS4188-5.0
DS4188-5.1 December 2001
2800
2700
2600
2500
2400
DS2004SF28
DS2004SF27
DS2004SF26
DS2004SF25
DS2004SF24
Conditions
V
RSM
= V
RRM
+ 100V
Lower voltage grades available.
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V
Outline type code: F
See Package Details for further information.
Fig. 1 Package outline


Similar Part No. - DS2004SF28

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
DS2004SD IRI-DS2004SD Datasheet
432Kb / 5P
STANDARD RECOVERY DIODE
DS2004SD2424 IRI-DS2004SD2424 Datasheet
432Kb / 5P
STANDARD RECOVERY DIODE
DS2004SD2626 IRI-DS2004SD2626 Datasheet
432Kb / 5P
STANDARD RECOVERY DIODE
DS2004SD2828 IRI-DS2004SD2828 Datasheet
432Kb / 5P
STANDARD RECOVERY DIODE
More results

Similar Description - DS2004SF28

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com