Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS501ST06 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DS501ST06
Description  Rectifier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS501ST06 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DS501ST06 Datasheet HTML 1Page - Dynex Semiconductor DS501ST06 Datasheet HTML 2Page - Dynex Semiconductor DS501ST06 Datasheet HTML 3Page - Dynex Semiconductor DS501ST06 Datasheet HTML 4Page - Dynex Semiconductor DS501ST06 Datasheet HTML 5Page - Dynex Semiconductor DS501ST06 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/5
DS501ST
www.dynexsemi.com
FEATURES
s
Double Side Cooling
s
High Surge Capability
APPLICATIONS
s
Rectification
s
Freewheel Diode
s
DC Motor Control
s
Power Supplies
s
Welding
s
Battery Chargers
VOLTAGE RATINGS
ORDERING INFORMATION
When ordering, select the required part number shown in the
Voltage Ratings selection table, e.g.:
DS501ST04
Note: Please use the complete part number when ordering
and quote this number in any future correspondance relating
to your order.
KEY PARAMETERS
V
RRM
600V
I
F(AV)
940A
I
FSM
11000A
Outline type code: T.
See Package Details for further information.
DS501ST
Rectifier Diode
Replaces October 2000, version DS5344-2.0
DS5344-3.0 October 2001
Fig.1 Package outline
600
500
400
300
200
100
DS501ST06
DS501ST05
DS501ST04
DS501ST03
DS501ST02
DS501ST01
Conditions
V
RSM
= V
RRM
+ 100V
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V


Similar Part No. - DS501ST06

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS50 LUMILEDS-DS50 Datasheet
600Kb / 11P
power light source LUXEON짰 Flash Module
logo
SICK AG
DS50-N1112 SICK-DS50-N1112 Datasheet
573Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
DS50-N1122 SICK-DS50-N1122 Datasheet
573Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
DS50-P1122 SICK-DS50-P1122 Datasheet
573Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
More results

Similar Description - DS501ST06

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
logo
Rohm
1SR153-400 ROHM-1SR153-400_1 Datasheet
143Kb / 4P
Rectifier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com