Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5194 Datasheet(PDF) 6 Page - NEC

Part # 2SC5194
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5194 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5194 Datasheet HTML 2Page - NEC 2SC5194 Datasheet HTML 3Page - NEC 2SC5194 Datasheet HTML 4Page - NEC 2SC5194 Datasheet HTML 5Page - NEC 2SC5194 Datasheet HTML 6Page - NEC 2SC5194 Datasheet HTML 7Page - NEC 2SC5194 Datasheet HTML 8Page - NEC 2SC5194 Datasheet HTML 9Page - NEC 2SC5194 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC5194
6
VCE = 1 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.819
–39.2
14.097
155.3
0.039
48.7
0.919
–21.7
200.00
0.771
–74.7
11.500
134.1
0.076
46.3
0.770
–45.7
300.00
0.720
–100.5
9.255
118.0
0.095
41.9
0.629
–62.9
400.00
0.656
–118.2
7.530
107.7
0.104
37.8
0.523
–71.7
500.00
0.620
–132.7
6.220
101.6
0.108
35.5
0.437
–78.3
600.00
0.613
–144.3
5.425
96.6
0.113
34.2
0.389
–81.6
700.00
0.605
–153.0
4.738
90.2
0.117
32.3
0.355
–90.4
800.00
0.584
–162.3
4.170
85.3
0.118
32.5
0.300
–97.1
900.00
0.556
–167.5
3.639
81.4
0.120
33.0
0.272
–100.7
1000.00
0.575
–173.8
3.328
78.6
0.123
33.1
0.255
–104.6
1100.00
0.571
179.5
3.019
75.1
0.125
32.1
0.254
–108.6
1200.00
0.595
176.1
2.816
71.7
0.127
31.0
0.243
–115.5
1300.00
0.602
171.3
2.573
68.0
0.130
30.4
0.224
–119.7
1400.00
0.610
171.5
2.438
65.2
0.137
30.8
0.215
–124.6
1500.00
0.608
166.6
2.325
60.1
0.146
30.9
0.206
–126.6
1600.00
0.581
164.0
2.190
57.2
0.154
32.1
0.212
–131.2
1700.00
0.593
160.3
2.079
54.8
0.156
34.3
0.208
–137.1
1800.00
0.591
156.7
1.955
54.7
0.160
33.9
0.213
–139.2
1900.00
0.607
155.0
1.854
52.9
0.162
36.5
0.217
–142.7
2000.00
0.612
152.5
1.756
51.9
0.164
36.8
0.223
–143.1
VCE = 1 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.760
–48.6
17.471
149.2
0.041
37.3
0.895
–26.2
200.00
0.715
–89.0
13.639
127.7
0.068
43.5
0.698
–55.1
300.00
0.670
–115.6
10.708
111.9
0.084
40.2
0.557
–75.1
400.00
0.611
–133.3
8.433
102.5
0.089
38.0
0.444
–85.0
500.00
0.592
–145.8
6.875
97.6
0.093
37.8
0.362
–91.6
600.00
0.600
–156.1
6.003
93.1
0.099
38.0
0.324
–95.0
700.00
0.591
–163.6
5.196
87.0
0.103
36.6
0.308
–103.3
800.00
0.571
–172.1
4.523
82.7
0.105
37.6
0.265
–115.1
900.00
0.542
–176.6
3.938
79.6
0.109
38.9
0.239
–119.2
1000.00
0.566
178.0
3.610
77.1
0.114
39.6
0.227
–122.5
1100.00
0.567
171.5
3.288
73.7
0.117
38.8
0.232
–123.6
1200.00
0.588
169.1
3.034
70.5
0.121
37.8
0.228
–133.5
1300.00
0.589
165.1
2.773
67.2
0.125
37.4
0.212
–139.2
1400.00
0.597
165.6
2.639
64.5
0.133
37.7
0.206
–144.1
1500.00
0.600
161.1
2.515
59.7
0.143
37.6
0.201
–146.8
1600.00
0.573
158.7
2.557
57.0
0.153
38.2
0.211
–150.6
1700.00
0.586
155.6
2.231
54.9
0.157
40.2
0.213
–156.6
1800.00
0.584
152.3
2.101
55.1
0.162
41.8
0.218
–158.1
1900.00
0.599
151.0
1.996
53.3
0.166
42.1
0.221
–160.7
2000.00
0.604
148.6
1.895
52.3
0.169
42.1
0.228
–160.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com