Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5194 Datasheet(PDF) 9 Page - NEC

Part # 2SC5194
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5194 Datasheet(HTML) 9 Page - NEC

Back Button 2SC5194 Datasheet HTML 2Page - NEC 2SC5194 Datasheet HTML 3Page - NEC 2SC5194 Datasheet HTML 4Page - NEC 2SC5194 Datasheet HTML 5Page - NEC 2SC5194 Datasheet HTML 6Page - NEC 2SC5194 Datasheet HTML 7Page - NEC 2SC5194 Datasheet HTML 8Page - NEC 2SC5194 Datasheet HTML 9Page - NEC 2SC5194 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2SC5194
9
VCE = 3 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.820
–38.9
17.998
153.7
0.023
51.2
0.949
–12.2
200.00
0.734
–72.7
14.931
134.9
0.054
48.6
0.780
–38.3
300.00
0.683
–98.8
12.431
118.7
0.069
44.5
0.636
–54.1
400.00
0.603
–117.4
10.006
108.2
0.075
42.4
0.315
–60.0
500.00
0.558
–131.7
8.204
102.9
0.077
41.9
0.433
–61.9
600.00
0.548
–143.3
7.226
98.4
0.083
42.4
0.403
–62.0
700.00
0.539
–152.7
6.334
92.0
0.086
40.5
0.367
–69.6
800.00
0.514
–162.3
5.531
87.3
0.088
41.1
0.298
–72.8
900.00
0.485
–167.3
4.834
84.1
0.091
42.6
0.268
–72.9
1000.00
0.501
–173.4
4.433
81.4
0.096
43.6
0.231
–73.7
1100.00
0.499
179.5
4.025
77.9
0.099
42.5
0.253
–78.1
1200.00
0.517
173.9
3.736
74.7
0.101
41.7
0.234
–84.9
1300.00
0.522
171.5
3.407
71.6
0.105
41.3
0.208
–86.2
1400.00
0.531
171.6
3.243
69.0
0.112
41.7
0.198
–88.1
1500.00
0.532
166.8
3.095
64.1
0.121
41.6
0.195
–88.8
1600.00
0.508
164.2
2.906
61.0
0.129
42.4
0.193
–94.0
1700.00
0.520
160.7
2.754
59.0
0.133
44.2
0.178
–98.4
1800.00
0.518
137.1
2.581
59.0
0.137
46.2
0.178
–101.1
1900.00
0.534
155.5
2.459
57.3
0.142
46.7
0.178
–104.8
2000.00
0.540
152.7
2.325
56.2
0.144
46.9
0.185
–106.6
VCE = 3 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.734
–47.2
22.178
149.7
0.023
32.6
0.923
–23.1
200.00
0.665
–84.6
17.574
129.1
0.050
44.4
0.709
–45.1
300.00
0.610
–111.6
13.993
113.3
0.061
44.3
0.560
–61.3
400.00
0.542
–129.9
10.962
104.0
0.065
44.4
0.440
–67.2
500.00
0.517
–142.8
8.974
97.4
0.069
45.9
0.361
–68.8
600.00
0.520
–153.6
7.824
93.1
0.075
46.7
0.334
–68.3
700.00
0.511
–161.7
6.777
89.3
0.080
45.6
0.308
–76.5
800.00
0.490
–170.3
5.897
85.0
0.082
46.7
0.248
–81.6
900.00
0.464
–174.8
5.143
82.3
0.087
48.5
0.218
–82.1
1000.00
0.482
179.6
4.722
79.8
0.092
49.0
0.204
–82.3
1100.00
0.484
173.0
4.312
76.5
0.096
48.2
0.209
–86.7
1200.00
0.502
170.3
3.969
73.5
0.100
47.5
0.196
–94.9
1300.00
0.506
166.4
3.626
70.6
0.104
47.0
0.172
–97.7
1400.00
0.514
166.9
3.453
68.0
0.112
47.1
0.161
–100.1
1500.00
0.517
162.4
3.285
63.4
0.122
46.5
0.139
–101.0
1600.00
0.495
160.1
3.083
60.7
0.131
46.7
0.161
–106.7
1700.00
0.308
157.0
2.914
58.7
0.136
48.4
0.150
–113.1
1800.00
0.307
153.8
2.738
58.8
0.141
50.0
0.150
–116.0
1900.00
0.523
152.4
2.603
57.2
0.146
30.3
0.152
–119.5
2000.00
0.527
149.7
2.459
56.1
0.150
50.3
0.159
–120.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com