Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC3025LSD Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DMHC3025LSD
Description  30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC3025LSD Datasheet(HTML) 7 Page - Diodes Incorporated

  DMHC3025LSD Datasheet HTML 1Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 2Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 3Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 4Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 5Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 6Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 7Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 8Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DMHC3025LSD
Document number: DS35821 Rev. 4 - 2
7 of 9
www.diodes.com
November 2013
© Diodes Incorporated
DMHC3025LSD
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0
-50 -25
0
25
50
75
100 125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 18 On-Resistance Variation with Temperature
V= -10V
I=
A
GS
D
-10
V=
5V
I=
A
GS
D
-4.
-5
0.5
1.0
1.5
2.0
2.5
3.0
0
-50 -25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Figure 19 Gate Threshold Variation vs. Ambient Temperature
A
-I = 1mA
D
-I = 250µA
D
0
0.3
0.6
0.9
1.2
1.5
10
15
20
0
5
-V , SOURCE-DRAIN VOLTAGE (V)
Figure 20 Diode Forward Voltage vs. Current
SD
T= -55 C
A
T= 25 C
A
T= 85 C
A
T= 125 C
A
T= 150 C
A
1,000
10
100
0
5
10
15
20
25
30
-V , DRAIN-SOURCE VOLTAGE (V)
Figure 21 Typical Junction Capacitance
DS
Coss
Crss
f = 1MHz
Ciss
Q , TOTAL GATE CHARGE (nC)
Figure 22 Gate-Charge Characteristics
g
0
2
4
6
8
10
V
= -15V
I= -6A
DS
D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com