Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC3025LSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMHC3025LSD
Description  30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC3025LSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMHC3025LSD Datasheet HTML 1Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 2Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 3Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 4Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 5Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 6Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 7Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 8Page - Diodes Incorporated DMHC3025LSD Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DMHC3025LSD
Document number: DS35821 Rev. 4 - 2
4 of 9
www.diodes.com
November 2013
© Diodes Incorporated
DMHC3025LSD
Typical Characteristics - N-CHANNEL
10
15
20
01
2
3
4
5
0
5
V , DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristic
DS
V= 2.5V
GS
V= 3.0V
GS
V= 3.5V
GS
V= 4.5V
GS
V
= 10V
GS
V= 2.2V
GS
V= 3.0V
GS
V= 3.0V
GS
0
2
4
6
8
10
12
14
16
18
20
01
2
3
4
5
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0
0.01
0.02
0.03
0.04
0.05
02
4
6
8
10 12 14
16 18 20
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 4.5V
GS
V
= 10V
GS
0
0.03
0.06
0.09
0.12
0.15
0
2
4
6
8
1012 1416
1820
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Drain-Source On-Resistance
vs. Gate-Source Voltage
I= 5.0A
D
I= 4.0A
D
0
2
4
6
8
1012 14
1618 20
0.02
0.04
0.06
0.08
0
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V= 4.5V
GS
0.6
0.8
1.0
1.2
1.4
1.8
1.6
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
V
= 4.5V
I= 5A
GS
D
V=
V
I= 10A
GS
D
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com