Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5289 Datasheet(PDF) 4 Page - NEC

Part # 2SC5289
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5289 Datasheet(HTML) 4 Page - NEC

  2SC5289 Datasheet HTML 1Page - NEC 2SC5289 Datasheet HTML 2Page - NEC 2SC5289 Datasheet HTML 3Page - NEC 2SC5289 Datasheet HTML 4Page - NEC 2SC5289 Datasheet HTML 5Page - NEC 2SC5289 Datasheet HTML 6Page - NEC 2SC5289 Datasheet HTML 7Page - NEC 2SC5289 Datasheet HTML 8Page - NEC 2SC5289 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2SC5289
4
S-Parameters
(VCE = 3.0 V, IC = 60 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
810.84 mU
138.58
1.9411 U
48.639
106.35
mU
46.46
583.53 mU
159.88
1 600.000 000
813.96 mU
133.87
1.8066 U
45.93
110.68
mU
44.993
590.28 mU
158.28
1 700.000 000
816.5
mU
131.39
1.6922 U
43.227
116.71
mU
43.52
592.75 mU
156.45
1 800.000 000
820.32 mU
128.91
1.5947 U
40.814
121.32
mU
42.529
598.22 mU
154.73
1 900.000 000
823.53 mU
126.37
1.5047 U
38.489
126.6
mU
41.046
601.49 mU
153.51
2 000.000 000
826
mU
124.27
1.4214 U
35.858
132.01
mU
39.913
606.01 mU
151.61
2 100.000 000
832.11 mU
122.04
1.3543 U
33.591
135.99
mU
38.572
611.23 mU
150.13
2 200.000 000
832.82 mU
119.84
1.2811 U
31.268
140.46
mU
37.029
618.61 mU
148.64
2 300.000 000
835.22 mU
117.85
1.2145 U
28.982
143.87
mU
35.675
623.46 mU
147.37
2 400.000 000
839.52 mU
115.84
1.1656 U
26.992
147.44
mU
34.898
629
mU
146.29
2 500.000 000
840.38 mU
113.83
1.1211 U
25.076
152.24
mU
33.256
632.59 mU
144.88
(VCE = 3.0 V, IC = 80 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
813.12 mU
136.29
1.9451 U
49.022
106.65
mU
47.457
603.6
mU
159.07
1 600.000 000
816.14 mU
133.57
1.8087 U
46.342
112.69
mU
45.889
605.91 mU
157.35
1 700.000 000
818.21 mU
131.14
1.6967 U
43.58
118.33
mU
44.529
609.17 mU
156.06
1 800.000 000
822.23 mU
128.59
1.5995 U
41.298
123.28
mU
43.227
615.78 mU
154.14
1 900.000 000
825.38 mU
126.15
1.5075 U
38.838
128.06
mU
42.023
619.82 mU
152.61
2 000.000 000
829.15 mU
124
1.4232 U
36.546
133.55
mU
40.346
623.76 mU
151.12
2 100.000 000
832.63 mU
121.76
1.3533 U
34.178
137.17
mU
39.234
630.54 mU
149.1
2 200.000 000
834.44 mU
119.51
1.2662 U
31.984
141.07
mU
37.601
634.29 mU
147.64
2 300.000 000
836.5
mU
117.57
1.2165 U
29.798
146.25
mU
36.573
636.78 mU
146.34
2 400.000 000
839.25 mU
115.54
1.1706 U
27.681
148.91
mU
35.034
644.03 mU
145.35
2 500.000 000
842.51 mU
113.57
1.127
U
25.898
153.45
mU
33.795
645.68 mU
144.07
(VCE = 3.0 V, IC = 100 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
814.76 mU
136.05
1.9314 U
49.065
107.99
mU
48.52
613.88 mU
158.57
1 600.000 000
819.31 mU
133.37
1.7962 U
46.439
113.83
mU
46.594
617.68 mU
156.93
1 700.000 000
820.45 mU
130.97
1.6833 U
43.752
119.44
mU
45.216
620.63 mU
155.09
1 800.000 000
823.79 mU
128.45
1.5864 U
41.582
123.31
mU
44.018
624.8
mU
153.83
1 900.000 000
827.67 mU
125.99
1.4947 U
38.993
128.74
mU
42.175
626.73 mU
151.85
2 000.000 000
830.69 mU
123.79
1.4116 U
36.707
134.1
mU
40.887
631.19 mU
150.46
2 100.000 000
834.12 mU
121.57
1.3432 U
34.319
138.16
mU
39.995
642.25 mU
148.78
2 200.000 000
836.05 mU
119.32
1.2755 U
32.113
142.04
mU
37.886
544.41 mU
147.45
2 300.000 000
838.39 mU
117.41
1.2099 U
30.096
146.83
mU
36.992
546.33 mU
145.95
2 400.000 000
841.47 mU
115.41
1.1664 U
27.746
150.91
mU
35.305
653.15 mU
144.75
2 500.000 000
842.96 mU
113.41
1.1146 U
26.175
154.92
mU
33.58
655.82 mU
143.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com