Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5289 Datasheet(PDF) 5 Page - NEC

Part # 2SC5289
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5289 Datasheet(HTML) 5 Page - NEC

  2SC5289 Datasheet HTML 1Page - NEC 2SC5289 Datasheet HTML 2Page - NEC 2SC5289 Datasheet HTML 3Page - NEC 2SC5289 Datasheet HTML 4Page - NEC 2SC5289 Datasheet HTML 5Page - NEC 2SC5289 Datasheet HTML 6Page - NEC 2SC5289 Datasheet HTML 7Page - NEC 2SC5289 Datasheet HTML 8Page - NEC 2SC5289 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2SC5289
5
(VCE = 3.0 V, IC = 120 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
817.28 mU
135.92
1.9053 U
49.017
108.15
mU
48.654
619.53 mU
158.16
1 600.000 000
820.4
mU
133.2
1.772
U
46.493
114.57
mU
46.991
621.8
mU
156.39
1 700.000 000
823.36 mU
130.75
1.6595 U
43.726
120.09
mU
45.655
626.29 mU
154.92
1 800.000 000
825.32 mU
128.24
1.5695 U
41.45
124.51
mU
44.155
630.47 mU
153.42
1 900.000 000
829.2
mU
125.81
1.4774 U
39.018
129.92
mU
42.933
635.85 mU
151.35
2 000.000 000
832.76 mU
123.66
1.394
U
36.696
135.38
mU
40.954
638.73 mU
150.05
2 100.000 000
836.5
mU
121.44
1.3251 U
34.448
139.38
mU
38.463
647.33 mU
148.43
2 200.000 000
837.77 mU
119.19
1.2596 U
32.257
143.42
mU
38.091
649.58 mU
147
2 300.000 000
839.95 mU
117.27
1.1933 U
30.067
147.59
mU
36.9
655.77 mU
145.6
2 400.000 000
843.73 mU
115.36
1.1516 U
27.979
151.38
mU
35.674
657.89 mU
144.41
2 500.000 000
845.73 mU
113.3
1.1061 U
25.164
155.57
mU
33.967
661.28 mU
143.06
(VCE = 3.6 V, IC = 60 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
808.3
mU
136.65
1.9727 U
48.44
105.45
mU
46.052
581.18 mU
159.62
1 600.000 000
812.04 mU
133.93
1.8331 U
45.887
112.14
mU
44.817
583.78 mU
157.84
1 700.000 000
814.93 mU
131.51
1.717
U
43.075
116.65
mU
43.513
590.19 mU
156.29
1 800.000 000
818.28 mU
128.96
1.6198 U
40.627
121.29
mU
42.255
593.64 mU
154.41
1 900.000 000
821.86 mU
126.44
1.5247 U
38.187
126.81
mU
40.746
595.96 mU
153.05
2 000.000 000
825.72 mU
124.19
1.4443 U
35.744
131.1
mU
39.637
600.82 mU
151.54
2 100.000 000
829.72 mU
122.08
1.3633 U
33.442
135.38
mU
37.827
607.63 mU
149.72
2 200.000 000
831.5
mU
119.79
1.3006 U
31.143
139.8
mU
36.841
611.6
mU
148.28
2 300.000 000
833.66 mU
117.82
1.2319 U
28.858
143.3
mU
35.421
616.97 mU
146.8
2 400.000 000
836.78 mU
115.85
1.1841 U
26.723
148.34
mU
33.849
621.4
mU
145.82
2 500.000 000
839.53 mU
113.76
1.1409 U
24.857
152.76
mU
32.978
626.63 mU
144.7
(VCE = 3.6 V, IC = 80 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
810.02 mU
136.4
1.9728 U
48.837
105.15
mU
47.085
593.74 mU
158.81
1 600.000 000
812.97 mU
133.62
1.8375 U
46.192
113.25
mU
45.405
600.04 mU
157.07
1 700.000 000
816.71 mU
131.18
1.7238 U
43.597
117.53
mU
44.256
603.01 mU
155.32
1 800.000 000
819.83 mU
128.68
1.5254 U
41.101
123.16
mU
42.965
610.67 mU
153.74
1 900.000 000
823.48 mU
126.14
1.5286 U
38.741
127.71
mU
41.206
613.44 mU
152.03
2 000.000 000
825.71 mU
123.85
1.4464 U
36.372
133.19
mU
40.31
616.32 mU
150.5
2 100.000 000
830.91 mU
121.82
1.3721 U
33.966
136.97
mU
38.649
625.55 mU
148.79
2 200.000 000
831.7
mU
119.52
1.3042 U
31.579
141.48
mU
37.348
626.62 mU
147.4
2 300.000 000
833.9
mU
117.61
1.2261 U
29.511
145.67
mU
35.89
632.27 mU
145.74
2 400.000 000
837.44 mU
115.59
1.1905 U
27.144
149.19
mU
34.415
638.49 mU
144.59
2 500.000 000
839.42 mU
113.49
1.1422 U
25.406
153.36
mU
33.499
639.69 mU
143.59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com