Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP401LSS18 Datasheet(PDF) 10 Page - Dynex Semiconductor

Part # GP401LSS18
Description  Powerline N-Channel Single Switch Low Loss IGBT Module Preliminary Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP401LSS18 Datasheet(HTML) 10 Page - Dynex Semiconductor

Back Button GP401LSS18 Datasheet HTML 3Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 4Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 5Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 6Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 7Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 8Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 9Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 10Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 11Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
GP401LSS18
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
10/11
PACKAGE DETAILS
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
106.4
5
2x M6
3x M4
20
29
27
24
46.5
46.5
4x Ø6.5
16
1
2
3
5
4
3.5x6
6x5.5
Nominal weight: 270g
Recommeded fixings for mounting: M6
Recommended mounting torque: 5Nm (44lbs.ins)
Recommended torque for electrical connections (M4): 2Nm (17lbs.ins)
Module outline type code: L
ASSOCIATED PUBLICATIONS
Title
Application Note
Number
Electrostatic handling precautions
AN4502
An introduction to IGBTs
AN4503
IGBT ratings and characteristics
AN4504
Heatsink requirements for IGBT modules
AN4505
Calculating the junction temperature of power semiconductors
AN4506
Gate drive considerations to maximise IGBT efficiency
AN4507
Parallel operation of IGBTs – punch through vs non-punch through characteristics
AN4508
Guidance notes for formulating technical enquiries
AN4869
Principle of rating parallel connected IGBT modules
AN5000
Short circuit withstand capability in IGBTs
AN5167
Driving high power IGBTs with concept gate drivers
AN5190



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com