Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP401LSS18 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # GP401LSS18
Description  Powerline N-Channel Single Switch Low Loss IGBT Module Preliminary Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP401LSS18 Datasheet(HTML) 7 Page - Dynex Semiconductor

Back Button GP401LSS18 Datasheet HTML 3Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 4Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 5Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 6Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 7Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 8Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 9Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 10Page - Dynex Semiconductor GP401LSS18 Datasheet HTML 11Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
GP401LSS18
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
7/11
Fig.9 Typical turn-off energy vs collector current
Fig.10 Typical turn-off energy vs collector current
Fig.11 Typical diode reverse recovery charge vs collector current
Fig.12 Typical switching characteristics
0
400
100
200
Collector current, IC - (A)
0
125
Tcase = 25˚C
VGE = ±15V
VCE = 900V
A: Rg = 13Ω
B: Rg = 6.8Ω
C: Rg = 4.3Ω
A
B
C
50
25
75
100
175
200
150
250
350
300
150
50
0
400
100
200
Collector current, IC - (A)
0
125
Tcase = 125˚C
VGE = ±15V
VCE = 900V
A: Rg = 13Ω
B: Rg = 6.8Ω
C: Rg = 4.3Ω
A
B
C
50
25
75
100
175
150
200
250
225
250
350
300
150
50
0
10
20
30
40
50
60
0
50
100
150
200
250
300
350
400
Collector current, IT - (A)
Tcase = 25˚C
Tcase = 125˚C
VGE = ±15V
VCE = 900V
Rg = 4.3Ω
0
300
100
50
200
150
250
Collector current, IC - (A)
0
1200
Tcase = 125˚C
VGE = ±15V
VCE = 900V
Rg = 4.3Ω
td(on)
tr
tf
td(off)
600
400
200
800
1000
350
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com