Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-F24-R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PM-F24-R
Description  Ultra-small U-shaped Micro Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM-F24-R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PM-F24-R Datasheet HTML 1Page - List of Unclassifed Manufacturers PM-F24-R Datasheet HTML 2Page - List of Unclassifed Manufacturers PM-F24-R Datasheet HTML 3Page - List of Unclassifed Manufacturers PM-F24-R Datasheet HTML 4Page - List of Unclassifed Manufacturers PM-F24-R Datasheet HTML 5Page - List of Unclassifed Manufacturers PM-F24-R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
453 Ultra-smallU-shapedMicroPhotoelectricSensorPM-24SERIES
Selection
Guide
U-shaped
Convergent
Reflective
PM-64
PM-24
PM-44/
PM-54
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
ENDOSCOPE
LASER
MARKERS
PLC /
TERMINALS
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
SPECIFICATIONS
Type
Ultra-small
With flexible cable
NPN output
PM-□24
PM-□24-R
Item
PNP output
PM-□24P
–
Sensing range
5 mm 0.197 in (fixed)
Minimum sensing object
0.8 × 1.8 mm 0.031 × 0.071 in opaque object
Hysteresis
0.05 mm 0.002 in or less
Repeatability
0.03 mm 0.001 in or less
Supply voltage
5 to 24 V DC ±10 % Ripple P-P 10 % or less
Current consumption
15 mA or less
Output
<NPN output type>
NPN open-collector transistor
• Maximum sink current: 50 mA
• Applied voltage: 30 V DC or less (between output and 0 V)
• Residual voltage: 0.7 V or less (at 50 mA sink current)
0.4 V or less (at 16 mA sink current)
<PNP output type>
PNP open-collector transistor
• Maximum source current: 50 mA
• Applied voltage: 30 V DC or less (between output and + V)
• Residual voltage: 0.7 V or less (at 50 mA source current)
0.4 V or less (at 16 mA source current)
Utilization category
DC-12 or DC-13
Output operation
Incorporated with 2 outputs: Light-ON / Dark-ON
Response time
Under light received condition: 20 µs or less
Under light interrupted condition: 100 µs or less
(Response frequency: 1 kHz or more) (Note 2)
Operation indicator
Vermilion LED (lights up under light received condition)
Pollution degree
3 (Industrial environment)
Ambient temperature (Note 3, 4)
–25 to +55 °C –13 to +131 °F (No dew condensation or icing allowed), Storage: –30 to +80 °C –22 to +176 °F
Ambient humidity
35 to 85 % RH, Storage: 35 to 85 % RH
Ambient illuminance
Fluorescent light: 1,000 ℓx at the light-receiving face
EMC
EN 60947-5-2
Voltage withstandability
1,000 V AC for one min. between all supply terminals connected together and enclosure
Insulation resistance
50 MΩ, or more, with 250 V DC megger between all supply terminals connected together and enclosure
Vibration resistance
10 to 2,000 Hz frequency, 1.5 mm 0.059 in amplitude in X, Y and Z directions for two hours each
Shock resistance
15,000 m/s2 acceleration (1,500 G approx.) in X, Y and Z directions for three times each
Emitting element
Infrared LED (Peak emission wavelength: 940 nm 0.037 mil, non-modulated)
Material
Enclosure: PBT, Slit cover: Polycarbonate
Cable
0.09 mm2 4-core cabtyre cable [
PM-□24-R: 0.1 mm2 flexible, oil and heat resistant cabtyre cable (Note 5)], 1 m 3.281 ft long
Cable extension
Extension up to total 100 m 328.084 ft is possible with 0.3 mm2, or more, cable.
Weight
Net weight: 10 g approx.
Notes: 1) Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +23 °C +73.4 °F.
2) The response frequency is the value when the disc, given in the figure below, is rotated.
3) In case the
PM-24 series is used at an ambient temperature of +50 °C +122 °F, or more, make sure to mount it on a metal body.
4) Take care that the flexibility of the
PM-□24-R cable is lost if the ambient temperature in –10 °C +14 °F or less.
5) The cable of
PM-□24-R is a flexible cable usable on a moving base. When the sensor is mounted on a moving base, fix the sensor cable joint so that
stress is not applied to it. (Models other than the
PM-□24-R cannot be used on a moving base.)
Disc
Disc
1.8 mm 0.071 in
1.6 mm 0.063 in
t = 0.2 mm 0.008 in
1.6 mm 0.063 in



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com